Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 473Page - Renesas Technology Corp M32C/86 Datasheet HTML 474Page - Renesas Technology Corp M32C/86 Datasheet HTML 475Page - Renesas Technology Corp M32C/86 Datasheet HTML 476Page - Renesas Technology Corp M32C/86 Datasheet HTML 477Page - Renesas Technology Corp M32C/86 Datasheet HTML 478Page - Renesas Technology Corp M32C/86 Datasheet HTML 479Page - Renesas Technology Corp M32C/86 Datasheet HTML 480Page - Renesas Technology Corp M32C/86 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 505 page
background image
Page 454
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27. Precautions (Bus)
27.3 Bus
__________
27.3.1 HOLD Signal
When entering microprocessor mode or memory expansion mode from single-chip mode and using
__________
HOLD input, set the PM01 and PM00 bits to "112" (microprocessor mode) or to "012" (memory expansion
mode) after setting the PD4_7 to PD4_0 bits in the PD4 register and the PD5_2 to PD5_0 bits in the PD5
register to "0" (input mode).
_____
_______
_______
______ ______ ________ ______ _______
________
P40 to P47 (A16 to A22, A23, CS0 to CS3, MA8 to MA12) and P50 to P52 (RD/WR/BHE, RD/WRL/WRH)
__________
are not placed in high-impedance states even when a low-level ("L") signal is applied to the HOLD pin, if
the PM01 and PM00 bits are set to "112" (microprocessor mode) or to "012" (memory expansion mode)
after setting the PD4_7 to PD4_0 bits in the PD4 register and the PD5_2 to PD5_0 bits in the PD5 register
to "1" (output mode) in single-chip mode.
27.3.2 External Bus
The internal ROM cannot be read when a high-level ("H") signal is applied to the CNVSS pin and the
hardware reset (hardware reset 1 or brown-out detection reset) occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com