Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 478Page - Renesas Technology Corp M32C/86 Datasheet HTML 479Page - Renesas Technology Corp M32C/86 Datasheet HTML 480Page - Renesas Technology Corp M32C/86 Datasheet HTML 481Page - Renesas Technology Corp M32C/86 Datasheet HTML 482Page - Renesas Technology Corp M32C/86 Datasheet HTML 483Page - Renesas Technology Corp M32C/86 Datasheet HTML 484Page - Renesas Technology Corp M32C/86 Datasheet HTML 485Page - Renesas Technology Corp M32C/86 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 505 page
background image
Page 459
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.5.6.3 Suggestions for Reducing Power Consumption
The followings are suggestions for reducing power consumption when programming or designing
systems.
Ports: I/O ports maintains the same state despite the microcomputer entering wait mode or stop
mode. Current flows through active output ports. Feedthrough current flows through input ports in a
high-impedance state. Set unassigned ports as input ports and stabilize electrical potential before
entering wait mode or stop mode.
A/D Converter: If the A/D conversion is not performed, set the VCUT bit in the AD0CON1 register
to "0" (no VREF connection). Set the VCUT bit to "1" (VREF connection) and wait at least 1
µs before
starting the A/D conversion.
D/A Converter: Set the DAi bit (i=0, 1) in the DACON register to "0" (output disabled) and set the
DAi register to "0016" when the D/A conversion is not performed.
Peripheral Function Stop: Set the CM02 bit in the CM0 register while in wait mode to stop unnec-
essary peripheral functions. However, this does not reduce power consumption because the pe-
ripheral function clock (fc32) generating from the sub clock does not stop. When in low-speed mode
and low-power consumption mode, do not enter wait mode when the CM02 bit is set to "1" (periph-
eral clock stops in wait mode).
27. Precautions (Clock Generation Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com