Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 275Page - Renesas Technology Corp M32C/86 Datasheet HTML 276Page - Renesas Technology Corp M32C/86 Datasheet HTML 277Page - Renesas Technology Corp M32C/86 Datasheet HTML 278Page - Renesas Technology Corp M32C/86 Datasheet HTML 279Page - Renesas Technology Corp M32C/86 Datasheet HTML 280Page - Renesas Technology Corp M32C/86 Datasheet HTML 281Page - Renesas Technology Corp M32C/86 Datasheet HTML 282Page - Renesas Technology Corp M32C/86 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 505 page
background image
Page 256
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
19. D/A Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
D/A Control Register
Bit Name
Bit
Symbol
Symbol
Address
After Reset
DACON
039C16
XXXX XX002
RW
D/A0 Output Enable Bit
D/A1 Output Enable Bit
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
0 : Disables an output
1 : Enables an output
0 : Disables an output
1 : Enables an output
DA1E
(b7 - b2)
DA0E
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
D/A Register i (i=0, 1)
Symbol
Address
After Reset
DA0, DA1
039816, 039A16
Indeterminate
RW
Function
Setting Range
Output value of D/A conversion
0016 to FF16
RW
b7
b0
VREF(4)
AVSS
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
DA0E
DA0
"1"
"0"
MSB
LSB
D/A register 0
0
1
NOTES:
1. The above applies when the DA0 register is set to "2A16".
2. This circuitry is the same for D/A1.
3. To reduce power consumption when the D/A converter is not used, set the DAiE bit (i=0, 1) to "0"
(output disabled) and the DAi register to "0016" to stop current from flowing into the R-2R resistor.
4. VREF is not related to VCUT bit setting in the AD0CON1 register.
r
Figure 19.2 DACON Register, DA0 and DA1 Registers
Figure 19.3 D/A Converter Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com