Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 108Page - Renesas Technology Corp SH7721 Datasheet HTML 109Page - Renesas Technology Corp SH7721 Datasheet HTML 110Page - Renesas Technology Corp SH7721 Datasheet HTML 111Page - Renesas Technology Corp SH7721 Datasheet HTML 112Page - Renesas Technology Corp SH7721 Datasheet HTML 113Page - Renesas Technology Corp SH7721 Datasheet HTML 114Page - Renesas Technology Corp SH7721 Datasheet HTML 115Page - Renesas Technology Corp SH7721 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 50 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
0
T
R/W
T Bit
Indicates true or false for compare instructions or carry
or borrow occurrence for an operation instruction with
carry or borrow. This bit can be specified by the SETT
and CLRT instructions in user mode.
At reset, this bit is undefined. This bit is not affected in
an exception handling state.
Note:
The M, Q, S, and T bits can be set/cleared by the user mode specific instructions. Other bits
can be read or written in privileged mode.
(2)
Save Status Register (SSR)
The save status register (SSR) can be accessed only in privileged mode. Before entering the
exception, the contents of the SR register is stored in the SSR register. At reset, the SSR initial
value is undefined.
(3)
Save Program Counter (SPC)
The save program counter (SPC) can be accessed only in privileged mode. Before entering the
exception, the contents of the PC is stored in the SPC. At reset, the SPC initial value is undefined.
(4)
Global Base Register (GBR)
The global base register (GBR) is referenced as a base register in GBR indirect addressing mode.
At reset, the GBR initial value is undefined.
(5)
Vector Base Register (VBR)
The vector base register (VBR) can be accessed only in privileged mode. If a transition from reset
state to exception handling state occurs, this register is referenced as a base address. For details,
refer to section 7, Exception Handling. At reset, the VBR is initialized as H'00000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com