Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 112Page - Renesas Technology Corp SH7721 Datasheet HTML 113Page - Renesas Technology Corp SH7721 Datasheet HTML 114Page - Renesas Technology Corp SH7721 Datasheet HTML 115Page - Renesas Technology Corp SH7721 Datasheet HTML 116Page - Renesas Technology Corp SH7721 Datasheet HTML 117Page - Renesas Technology Corp SH7721 Datasheet HTML 118Page - Renesas Technology Corp SH7721 Datasheet HTML 119Page - Renesas Technology Corp SH7721 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 54 of 1458
REJ09B0033-0300
2.5
Features of CPU Core Instructions
2.5.1
Instruction Execution Method
(1)
Instruction Length
All instructions have a fixed length of 16 bits and are executed in the sequential pipeline. In the
sequential pipeline, almost all instructions can be executed in one cycle. All data items are handles
in longword (32 bits). Memory can be accessed in byte, word, or longword. In this case, Memory
byte or word data is sign-extended and operated on as longword data. Immediate data is sign-
extended to longword size for arithmetic operations (MOV, ADD, and CMP/EQ instructions) or
zero-extended to longword size for logical operations (TST, AND, OR, and XOR instructions).
(2)
Load/Store Architecture
Basic operations are executed between registers. In operations involving memory, data is first
loaded into a register (load/store architecture). However, bit manipulation instructions such as
AND are executed directly on memory.
(3)
Delayed Branching
Unconditional branch instructions are executed as delayed branches. With a delayed branch
instruction, the branch is made after execution of the instruction (called the slot instruction)
immediately following the delayed branch instruction. This minimizes disruption of the pipeline
when a branch is made.
This LSI supports two types of conditional branch instructions: delayed branch instruction or
normal branch instruction.
Example:
BRA
TARGET
ADD
R1, R0
; ADD is executed before branching to
the
TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com