Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 115Page - Renesas Technology Corp SH7721 Datasheet HTML 116Page - Renesas Technology Corp SH7721 Datasheet HTML 117Page - Renesas Technology Corp SH7721 Datasheet HTML 118Page - Renesas Technology Corp SH7721 Datasheet HTML 119Page - Renesas Technology Corp SH7721 Datasheet HTML 120Page - Renesas Technology Corp SH7721 Datasheet HTML 121Page - Renesas Technology Corp SH7721 Datasheet HTML 122Page - Renesas Technology Corp SH7721 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 57 of 1458
REJ09B0033-0300
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation Formula
Register
indirect with
displacement
@(disp:4,
Rn)
Effective address is register Rn contents with 4-bit
displacement disp added. After disp is zero-
extended, it is multiplied by 1 (byte), 2 (word), or 4
(longword), according to the operand size.
Rn
Rn
+ disp
× 1/2/4
1/2/4
+
disp
(zero-extended)
×
Byte: Rn + disp
Word: Rn + disp
× 2
Longword: Rn + disp
× 4
Indexed
register indirect
@(R0, Rn)
Effective address is sum of register Rn
and R0 contents.
+
Rn
R0
Rn + R0
Rn + R0
GBR indirect with
displacement
@(disp:8,
GBR)
Effective address is register GBR contents with 8-
bit displacement disp added. After disp is zero-
extended, it is multiplied by 1 (byte), 2 (word), or 4
(longword), according to the
operand size.
GBR
GBR
+ disp
× 1/2/4
1/2/4
+
disp
(Zero-extended)
×
Byte: GBR + disp
Word: GBR + disp
× 2
Longword:
GBR + disp
× 4
Indexed GBR
indirect
@(R0, GBR) Effective address is sum of register GBR and R0
contents.
GBR
GBR + R0
R0
+
GBR + R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com