Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 117Page - Renesas Technology Corp SH7721 Datasheet HTML 118Page - Renesas Technology Corp SH7721 Datasheet HTML 119Page - Renesas Technology Corp SH7721 Datasheet HTML 120Page - Renesas Technology Corp SH7721 Datasheet HTML 121Page - Renesas Technology Corp SH7721 Datasheet HTML 122Page - Renesas Technology Corp SH7721 Datasheet HTML 123Page - Renesas Technology Corp SH7721 Datasheet HTML 124Page - Renesas Technology Corp SH7721 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 59 of 1458
REJ09B0033-0300
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation Formula
#imm:8
8-bit immediate data imm of TST, AND, OR, or
XOR instruction is zero-extended.
#imm:8
8-bit immediate data imm of MOV, ADD, or
CMP/EQ instruction is sign-extended.
Immediate
#imm:8
8-bit immediate data imm of TRAPA instruction is
zero-extended and multiplied by 4.
Note:
For addressing modes with displacement (disp) as shown below, the assembler description
in this manual indicates the value before it is scaled (x1, x2, or x4) according to the operand
size to clarify the LSI operation. For details on assembler description, refer to the
description rules in each assembler.
@ (disp:4, Rn) ; Register indirect with displacement
@ (disp:8, GBR)
; GBR indirect with displacement
@ (disp:8, PC) ; PC relative with displacement
disp:8, disp:12 ; PC relative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com