Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 30Page - Renesas Technology Corp 7721 Datasheet HTML 31Page - Renesas Technology Corp 7721 Datasheet HTML 32Page - Renesas Technology Corp 7721 Datasheet HTML 33Page - Renesas Technology Corp 7721 Datasheet HTML 34Page - Renesas Technology Corp 7721 Datasheet HTML 35Page - Renesas Technology Corp 7721 Datasheet HTML 36Page - Renesas Technology Corp 7721 Datasheet HTML 37Page - Renesas Technology Corp 7721 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 577 page
background image
CENTRAL PROCESSING UNIT (CPU)
7721 Group User’s Manual
2–11
2.2 Bus interface unit
2.2.2 Functions of bus interface unit (BIU)
The bus interface unit (BIU) consists of four registers shown in Figure 2.2.2. Table 2.2.1 lists the functions
of each register.
Program address register
Instruction queue buffer
Data address register
Data buffer
PA
DA
Q0
Q1
Q2
DBH
DBL
b23
b0
b0
b0
b0
b23
b15
b7
Table 2.2.1 Functions of each register
Functions
Indicates the storage address for the instruction which is next taken into the
instruction queue buffer.
Temporarily stores the instruction which has been taken in.
Indicates the address for the data which is next read from or written to.
Temporarily stores the data which is read from the memory•I/O device by the
BIU or which is written to the memory•I/O device by the CPU.
Name
Program address register
Instruction queue buffer
Data address register
Data buffer
Fig. 2.2.2 Register structure of bus interface unit (BIU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com