Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 76Page - Renesas Technology Corp 7721 Datasheet HTML 77Page - Renesas Technology Corp 7721 Datasheet HTML 78Page - Renesas Technology Corp 7721 Datasheet HTML 79Page - Renesas Technology Corp 7721 Datasheet HTML 80Page - Renesas Technology Corp 7721 Datasheet HTML 81Page - Renesas Technology Corp 7721 Datasheet HTML 82Page - Renesas Technology Corp 7721 Datasheet HTML 83Page - Renesas Technology Corp 7721 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–3
5.2 Clocks
5.2 Clocks
Figure 5.2.1 shows the clock generating circuit block diagram.
Fig. 5.2.1 Clock generating circuit block diagram
Q
XIN
XOUT
1/2
R
S
Q
R
S
Q
R
S
1
CPU
1/8
1/2
f2
1/2
1/8
f16
f64
f512
f32
f512
Interrupt request
STP instruction
Reset
WIT instruction
Ready request
CPU wait request
from BIU
Operation clock for
internal peripheral devices
Watchdog
timer
CPU : Central Processing Unit
BIU : Bus Interface Unit
Watchdog timer frequency select bit : Bit 0 at address 6116
Note: This signal is generated when the watchdog timer’s most significant bit becomes “0.”
(Note)
Watchdog timer
frequency select bit
“0”
“1”
Bus request
DRAMC
Hold
DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com