Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 87Page - Renesas Technology Corp 7721 Datasheet HTML 88Page - Renesas Technology Corp 7721 Datasheet HTML 89Page - Renesas Technology Corp 7721 Datasheet HTML 90Page - Renesas Technology Corp 7721 Datasheet HTML 91Page - Renesas Technology Corp 7721 Datasheet HTML 92Page - Renesas Technology Corp 7721 Datasheet HTML 93Page - Renesas Technology Corp 7721 Datasheet HTML 94Page - Renesas Technology Corp 7721 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 577 page
background image
7721 Group User’s Manual
INPUT/OUTPUT PINS
6–2
6.1 Overview
Input/output pins (hereafter called I/O pins) have functions as programmable I/O ports, internal peripheral
devices’s I/O pins, external buses, etc.
For the basic functions of each I/O pin, refer to section “1.3 Pin description.” For the I/O functions of the
internal peripheral devices, refer to relevant sections of each internal peripheral device. For the external
address bus, external data bus, bus control signals, etc., refer to “CHAPTER 3. CONNECTION WITH
EXTERNAL DEVICES.”
This chapter describes the programmable I/O ports and examples of handling unused pins.
6.2 Programmable I/O ports
The programmable I/O ports have direction registers and port registers in the SFR area. Figure 6.2.1 shows
the memory map of direction registers and port registers.
6.1 Overview, 6.2 Programmable I/O ports
Fig. 6.2.1 Memory map of direction registers and port registers
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
Port P9 register
Port P8 direction register
Port P9 direction register
Port P10 register
Port P10 direction register
A16
B16
C16
D16
E16
F16
1016
1116
1216
1316
1416
Addresses
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
1516
1616
1716
1816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com