Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 36Page - Renesas Technology Corp 7721 Datasheet HTML 37Page - Renesas Technology Corp 7721 Datasheet HTML 38Page - Renesas Technology Corp 7721 Datasheet HTML 39Page - Renesas Technology Corp 7721 Datasheet HTML 40Page - Renesas Technology Corp 7721 Datasheet HTML 41Page - Renesas Technology Corp 7721 Datasheet HTML 42Page - Renesas Technology Corp 7721 Datasheet HTML 43Page - Renesas Technology Corp 7721 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 577 page
background image
CENTRAL PROCESSING UNIT (CPU)
7721 Group User’s Manual
2–17
2.4 Memory assignment
2.4 Memory assignment
This section describes the internal area’s memory assignment. For more information about the external
area, refer also to “CHAPTER 3. CONNECTION WITH EXTERNAL DEVICES.”
Figure 2.4.1 shows the memory assignment.
2.4.1 Memory assignment in internal area
SFR (Special Function Register) and internal RAM are assigned in the internal area.
(1)
SFR area
The registers for setting internal peripheral devices are assigned at addresses 016 to 7F16 and 1FC016
to 1FFF16. This area is called SFR. Figures 2.4.2 and 2.4.3 show the SFR area’s memory assignment.
For each register in the SFR area, refer to each functional description in this manual.
For the state of the SFR area immediately after reset, refer to section “4.1.2 State of CPU, SFR
area, and internal RAM area.”
(2)
Internal RAM area
The M37721S2BFP (Note 1) assigns the 1024-byte static RAM at addresses 8016 to 47F16. 512 bytes
of that can be selected either it is used as the internal RAM or it is used as the external area. (Note
2)
The internal RAM area is used as a stack area (Note 3), as well as an area to store data. Accordingly,
note that set the nesting depth of a subroutine and multiple interrupts’ level not to destroy the
necessary data.
Notes 1: The M37721S1BFP assigns the 512-byte static RAM at addresses 8016 to 27F16.
2: The internal RAM area becomes 512 bytes after reset because the internal RAM area
select bit is “0.”
3: Either bank 016 or bank FF16 can be selected as the stack area by the stack bank select
bit (bit 7 at address 5E16).
Figure 2.4.4 shows the structure of the processor mode registers 0, 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com