Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 83Page - Renesas Technology Corp 7721 Datasheet HTML 84Page - Renesas Technology Corp 7721 Datasheet HTML 85Page - Renesas Technology Corp 7721 Datasheet HTML 86Page - Renesas Technology Corp 7721 Datasheet HTML 87Page - Renesas Technology Corp 7721 Datasheet HTML 88Page - Renesas Technology Corp 7721 Datasheet HTML 89Page - Renesas Technology Corp 7721 Datasheet HTML 90Page - Renesas Technology Corp 7721 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–10
(1)
Termination by interrupt request occurrence
Œ When an interrupt request occurs, supply of
φCPU and φ starts.
 The interrupt request which occurred in Œ is accepted.
The following interrupts are used to terminate Wait mode.
When a watchdog timer interrupt request occurs, Wait mode is also terminated.
___
•INTi interrupt (i = 0 to 2)
•Timer Ai interrupt (i = 0 to 4)
•Timer Bi interrupt (i = 0 to 2)
•UARTi transmit interrupt (i = 0, 1)
•UARTi receive interrupt (i = 0, 1)
•A-D converter interrupt
Note: Refer to “CHAPTER 7. INTERRUPTS” and each functional description about interrupts.
Before executing the WIT instruction, interrupts used to terminate Wait mode must be enabled.
In addition, the interrupt priority level of the interrupt used to terminate Wait mode must be higher
than the processor interrupt priority level (IPL) of the routine where the WIT instruction is executed.
When multiple interrupts listed above are enabled, Wait mode is terminated by the interrupt request
which occurs first.
(2)
Termination by hardware reset
The CPU and the SFR area are initialized in the same way as system reset. However, the internal
RAM area retains the same contents as that before executing the WIT instruction. The terminating
sequence is the same as the internal processing sequence which is performed after reset.
Refer to “CHAPTER 4. RESET” for details about reset.
5.4 Wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com