Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 55Page - Renesas Technology Corp 7721 Datasheet HTML 56Page - Renesas Technology Corp 7721 Datasheet HTML 57Page - Renesas Technology Corp 7721 Datasheet HTML 58Page - Renesas Technology Corp 7721 Datasheet HTML 59Page - Renesas Technology Corp 7721 Datasheet HTML 60Page - Renesas Technology Corp 7721 Datasheet HTML 61Page - Renesas Technology Corp 7721 Datasheet HTML 62Page - Renesas Technology Corp 7721 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 577 page
background image
CONNECTION WITH EXTERNAL DEVICES
3.4 Hold function
7721 Group User’s Manual
3–12
3.4 Hold function
When composing the external circuit which accesses the bus without using the central processing unit
(CPU), Hold function is used to generate a timing for transferring the right to use the bus from the CPU to
the external circuit.
_____
The microcomputer enters Hold state by input of “L” level to the HOLD pin and retains this state while the
_____
level of the HOLD pin is at “L.” Table 3.4.1 lists the microcomputer’s state in Hold state.
In Hold state, the oscillation of the oscillator does not stop. Accordingly, the internal peripheral devices can
operate. However, Watchdog timer stops operating.
Table 3.4.1 Microcomputer’s state in Hold state
Item
Oscillation
φ
φCPU
_
E
__
Pins A0 to A7, A8/D8 to A15/D15, A16/D0 to A23/D7, R/W,
___
____
BHE, BLE
Pins ALE, ST1
Pin ST0
Pin
φ1
Pins P43 to P47, P5 to P10 (Note)
Watchdog timer
State
Operating
Operating
Stopped at “L”
Stopped at “H”
Floating
Output “L” level.
Outputs “H” level.
Outputs clock
φ1.
Retain the state when Hold request was accepted.
Stopped
Note: This applies when this functions as a programmable I/O port.
3.4.1 Operation description
_____
Judgment of the HOLD pin input level is performed at every falling edge of
φ1. When “L” level is detected
at judgment of the input level, bus request (Hold) becomes “1,” when “H” level is detected, bus request
(Hold) becomes “0.”
Bus request (Hold) is sampled within a period when the bus request sampling signal is “1” and bus request
is accepted when there is no bus request (DRAMC). (This is called “Acceptance of Hold request.”) For bus
request, refer to section “13.2.1 Bus access control circuit.”
When Hold request is accepted,
φCPU stops at “L” level at the next rising edge of φ and the ST0 pin’s level
becomes “H,” the ST1 pin’s level becomes “L.” When 1 cycle of
φ has passed after the levels of the ST0
__
____
____
and ST1 pins are changed, the R/W, BHE, BLE pins and the external bus enter the floating state.
_____
In Hold state, when the HOLD pin’s input level becomes “H,” the ST0 and ST1 pins’ levels are changed
at the next rising edge of
φ. When 1 cycle of φ has passed after the levels of the ST0 and ST1 pins are
changed, the microcomputer terminates Hold state.
Figures 3.4.1 to 3.4.3 show timing of acceptance of Hold request and termination of Hold state.
Note:
φ has the same polarity and the same frequency as clock φ1.
However,
φ stops by acceptance of Ready request, or executing the STP or WIT instruction. Accordingly,
_____
judgment of the input level of the HOLD pin is not performed during Ready state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com