Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 17Page - Renesas Technology Corp 7721 Datasheet HTML 18Page - Renesas Technology Corp 7721 Datasheet HTML 19Page - Renesas Technology Corp 7721 Datasheet HTML 20Page - Renesas Technology Corp 7721 Datasheet HTML 21Page - Renesas Technology Corp 7721 Datasheet HTML 22Page - Renesas Technology Corp 7721 Datasheet HTML 23Page - Renesas Technology Corp 7721 Datasheet HTML 24Page - Renesas Technology Corp 7721 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 577 page
background image
DESCRIPTION
7721 Group User’s Manual
1–6
1.3 Pin description
Table 1.3.3 Pin description (3)
Pin
P43–P47
P50–P57
P60–P67
P70–P77
P80–P87
P90–P97
P100
P107
Functions
Port P4 is a 5-bit CMOS I/O port. This port has an
I/O direction register and each pin can be programmed
for input or output.
Port P5 is an 8-bit I/O port with the same function as
P4. These pins can be programmed as I/O pins for
Timers A2–A4 and I/O pins for Timers B0, B1.
Port P6 is an 8-bit I/O port with the same function as
P4. These pins can be programmed as output pins for
the real-time output.
Port P7 is an 8-bit I/O port with the same function as
P4. These pins can be programmed as input pins for
A-D converter.
Port P8 is an 8-bit I/O port with the same function as
P4. These pins can be programmed as I/O pins for
Serial I/O.
Port P9 is an 8-bit I/O port with the same function as
P4. These pins can be programmed as I/O pins for
DMA controller.
Port P10 is an 8-bit I/O port with the same function as
__
P4. These pins can be programmed as I/O pin for TC
and output pins for DRAM controller.
___
___
P100–P102 also function as input pins for INT0–INT2.
Name
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
I/O port P9
I/O port P10
Input/Output
I/O
I/O
I/O
I/O
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com