Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 61Page - Renesas Technology Corp 7721 Datasheet HTML 62Page - Renesas Technology Corp 7721 Datasheet HTML 63Page - Renesas Technology Corp 7721 Datasheet HTML 64Page - Renesas Technology Corp 7721 Datasheet HTML 65Page - Renesas Technology Corp 7721 Datasheet HTML 66Page - Renesas Technology Corp 7721 Datasheet HTML 67Page - Renesas Technology Corp 7721 Datasheet HTML 68Page - Renesas Technology Corp 7721 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 577 page
background image
RESET
7721 Group User’s Manual
4–2
4.1 Hardware reset
When the power source voltage satisfies the microcomputer’s recommended operating conditions, the
______
microcomputer is reset by supplying “L” level to the RESET pin. This is called a hardware reset. Figure 4.1.1
shows an example of hardware reset timing.
4.1 Hardware reset
Fig. 4.1.1 Example of hardware reset timing
The following explains how the microcomputer operates in periods Œ to  above.
Œ
______
After supplying “L” level to the RESET pin, the microcomputer initializes pins within a period of several
ten ns. (Refer to “Table 4.1.1.”)

______
______
While the RESET pin is “L” level and within a period of 4 to 5 cycles of
φ after the RESET pin goes from
“L” to “H,” the microcomputer initializes the central processing unit (CPU) and SFR area. At this time,
the contents of the internal RAM area become undefined (except when Stop or Wait mode is terminated).
(Refer to “Figures 4.1.3 to 4.1.9.”)
Ž After , the microcomputer performs “Internal processing sequence after reset.” (Refer to “Figure 4.1.10.”)
 The microcomputer executes a program beginning with the address set into the reset vector addresses
(FFFE16 and FFFF16).
RESET
Program is executed.
Ž
2 µs or more
Internal processing
sequence after
reset
Note: When the clock is stably supplied. (Refer to section “4.1.4 Time supplying “L” level to
RESET pin.”)
Œ

4 to 5 cycles of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com