Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 58Page - Renesas Technology Corp 7721 Datasheet HTML 59Page - Renesas Technology Corp 7721 Datasheet HTML 60Page - Renesas Technology Corp 7721 Datasheet HTML 61Page - Renesas Technology Corp 7721 Datasheet HTML 62Page - Renesas Technology Corp 7721 Datasheet HTML 63Page - Renesas Technology Corp 7721 Datasheet HTML 64Page - Renesas Technology Corp 7721 Datasheet HTML 65Page - Renesas Technology Corp 7721 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 577 page
background image
CONNECTION WITH EXTERNAL DEVICES
7721 Group User’s Manual
3–15
3.4 Hold function
Data
R/W
HOLD
ALE
Floating
E
Address B
Address A
Œ When a Hold request is accepted, not a new address but the address which was output
immediately before is output again.
ST1
ST0
Bus request (Hold)
Bus request sampling
Transfer of right
to use bus
<When inputting “L” level to HOLD pin while bus is used; when data access is
completed with continuous 2-bus cycle>
q State when inputting “L” level to HOLD pin
16
8
16 (Access beginning at odd address)
Used
External data bus
Data length
External data bus width
Clock
1
(Note 2)
Floating
Address A + 1
ŒŒ
Data
External address bus /
External data bus
External address bus
BLE, BHE
Bus in use
Hold state
Bus in use
Notes 1: The above diagram shows the case of 2-
access in low-speed running.
2: Clock
1
has the same polarity and the same frequency as .
Timing of signals to be input from or output to the external is ordained on the basis
of clock
1
.
3: Bus request (Hold) and bus request sampling are internal signals.
Floating
(Note 3)
(Note 3)
Transfer of right
to use bus
Fig. 3.4.3 Timing of acceptance of Hold request and termination of Hold state (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com