Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 15Page - Renesas Technology Corp 7721 Datasheet HTML 16Page - Renesas Technology Corp 7721 Datasheet HTML 17Page - Renesas Technology Corp 7721 Datasheet HTML 18Page - Renesas Technology Corp 7721 Datasheet HTML 19Page - Renesas Technology Corp 7721 Datasheet HTML 20Page - Renesas Technology Corp 7721 Datasheet HTML 21Page - Renesas Technology Corp 7721 Datasheet HTML 22Page - Renesas Technology Corp 7721 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 577 page
background image
DESCRIPTION
7721 Group User’s Manual
1–4
1.3 Pin description
Tables 1.3.1 to 1.3.3 list the pin description.
Table 1.3.1 Pin description (1)
1.3 Pin description
Pin
Vcc, Vss
CNVss
______
RESET
________
RESETOUT
XIN
XOUT
_
E
BYTE
ST0
ST1
AVcc
AVss
VREF
Input/Output
Input
Input
Output
Input
Output
Output
Input
Output
Input
ST1
0
0
1
1
ST0
0
1
0
1
Bus use state
DRAM refresh
Hold
DMA
CPU
Functions
Supply 5 V ±10 % to Vcc pin and 0 V to Vss pin.
Connect to Vss or Vcc pin.
The microcomputer is reset when supplying “L” level
to this pin.
______
When input to RESET pin is “L,” this pin outputs “L.”
Output from this pin returns “H” after the release of
reset. When writing “1” to the software reset bit, this
pin outputs “L.”
These are I/O pins of the internal clock generating
circuit. Connect a ceramic resonator or quartz-crystal
oscillator between pins XIN and XOUT. When using an
external clock, the clock source should be input to XIN
pin and XOUT pin should be left open.
Data/instruction code read or data write is performed
when output from this pin is “L” level.
Input level to this pin determines whether the external
data bus has a 16-bit width or an 8-bit width. The
width is 16 bits when the level is “L”, and 8 bits when
the level is “H”.
The bus use state is output in 2-bit code.
The power supply pin for the A-D converter. Connect
AVcc to Vcc pin. Connect AVss to Vss pin.
This is a reference voltage input pin for the A-D converter.
Name
Power supply
CNVss
Reset input
Reset output
Clock input
Clock output
Enable output
Exernal data bus width
selection input
Status signal output
Analog supply input
Reference voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com