Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 75Page - Renesas Technology Corp 7721 Datasheet HTML 76Page - Renesas Technology Corp 7721 Datasheet HTML 77Page - Renesas Technology Corp 7721 Datasheet HTML 78Page - Renesas Technology Corp 7721 Datasheet HTML 79Page - Renesas Technology Corp 7721 Datasheet HTML 80Page - Renesas Technology Corp 7721 Datasheet HTML 81Page - Renesas Technology Corp 7721 Datasheet HTML 82Page - Renesas Technology Corp 7721 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–2
5.1 Oscillation circuit examples
To the oscillation circuit, a ceramic resonator or a quartz-crystal oscillator can be connected, or the clock
which is externally generated can be input. Oscillation circuit examples are shown below.
5.1.1 Connection example using resonator/oscillator
Figure 5.1.1 shows an example when connecting a ceramic resonator/quartz-crystal oscillator between pins
XIN and XOUT.
The circuit constants such as Rf, Rd, CIN, and COUT (shown in “Figure 5.1.1”) depend on the resonator/
oscillator. These values shall be set to the values
recommended
by
the
resonator/oscillator
manufacturer.
5.1.2 Externally generated clock input example
Figure 5.1.2 shows an input example of the clock
which is externally generated. The external clock
must be input from the XIN pin, and the XOUT pin
must be left open.
5.1 Oscillation circuit examples
Fig. 5.1.1 Connection example using resonator/oscillator
Fig. 5.1.2 Externally generated clock input example
M37721
XIN
XOUT
Rf
CIN
COUT
Rd
M37721
XIN
XOUT
Vcc
Vss
Externally generated clock
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com