Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 67Page - Renesas Technology Corp 7721 Datasheet HTML 68Page - Renesas Technology Corp 7721 Datasheet HTML 69Page - Renesas Technology Corp 7721 Datasheet HTML 70Page - Renesas Technology Corp 7721 Datasheet HTML 71Page - Renesas Technology Corp 7721 Datasheet HTML 72Page - Renesas Technology Corp 7721 Datasheet HTML 73Page - Renesas Technology Corp 7721 Datasheet HTML 74Page - Renesas Technology Corp 7721 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 577 page
background image
RESET
7721 Group User’s Manual
4–8
4.1 Hardware reset
UART1 receive interrupt control register
6016
6116
6216
6316
6416
6516
6616
6716
6816
6916
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7D16
7E16
7F16
6B16
6C16
6D16
6E16
6F16
6A16
Address
A-D conversion interrupt control register
UART0 transmit interrupt control register
UART1 transmit interrupt control register
INT2 interrupt control register
Watchdog timer frequency select register
Register name
Watchdog timer register
Timer A0 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0 interrupt control register
Access characteristics
RW
b7
b0
RW
State immediately after reset
0
?(Note 6)
b7
b0
UART0 receive interrupt control register
Timer A1 interrupt control register
Timer B0 interrupt control register
INT1 interrupt control register
0
0
00
0
By writing dummy data to address 6016, the value “FFF16” is set to the watchdog timer.
The dummy data is not retained anywhere.
The value “FFF16” is set to the watchdog timer. (Refer to “CHAPTER 15. WATCHDOG TIMER.”)
It is possible to read the bit state at reading. When writing “0” to this bit, this bit becomes “0.”
But when writing “1” to this bit, this bit does not change.
RW
Notes 5:
6:
7:
(Note 5)
?
?
?
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
0
00
0
0
00
0
0
0
0
0
0
0
?
?
?
?
?
?
?
?
?
0
00
Real-time output control register
Refresh timer
DM AC control register L
DM AC control register H
DM A0 interrupt control register
DM A1 interrupt control register
DM A2 interrupt control register
DM A3 interrupt control register
RW
0
0
0
0
0
0
0
0
RW
RW
DRAM control register
WO
RW
(Note 7)
RW
WO
RW
RW
RW
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
??
0
0
00
0
?
?
0
00
0
?
0
00
0
?
0
00
Fig. 4.1.7 State of SFR and internal RAM areas immediately after reset (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com