Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 56Page - Renesas Technology Corp 7721 Datasheet HTML 57Page - Renesas Technology Corp 7721 Datasheet HTML 58Page - Renesas Technology Corp 7721 Datasheet HTML 59Page - Renesas Technology Corp 7721 Datasheet HTML 60Page - Renesas Technology Corp 7721 Datasheet HTML 61Page - Renesas Technology Corp 7721 Datasheet HTML 62Page - Renesas Technology Corp 7721 Datasheet HTML 63Page - Renesas Technology Corp 7721 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 577 page
background image
CONNECTION WITH EXTERNAL DEVICES
7721 Group User’s Manual
3–13
3.4 Hold function
Fig. 3.4.1 Timing of acceptance of Hold request and termination of Hold state (1)
R/W
HOLD
ALE
Floating
ST0
E
Address B
Address A
Bus request (Hold)
ST1
Bus request sampling
Transfer of right to use bus
<When inputting “L” level to HOLD pin while bus is unused>
q State when inputting “L” level to HOLD pin
External data bus
Data length
External data bus width
16
8, 16
Unused
8, 16
8
Clock
1
(Note 1)
External address bus
BLE, BHE
External address bus /
External data bus
Bus not in use
Hold state
Bus in use
Œ This is the period in which the bus is not used, so that not a new
address but the address which was output immediately before is
output again.
Notes 1: Clock 1 has the same polarity and the same frequency as
.
Timing of signals to be input from or output to the external is ordained on the basis
of clock 1.
2: Bus request (Hold) and bus request sampling are internal signals.
Floating
Floating
Œ
(Note 2)
(Note 2)
Transfer of right to use bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com