Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 79Page - Renesas Technology Corp 7721 Datasheet HTML 80Page - Renesas Technology Corp 7721 Datasheet HTML 81Page - Renesas Technology Corp 7721 Datasheet HTML 82Page - Renesas Technology Corp 7721 Datasheet HTML 83Page - Renesas Technology Corp 7721 Datasheet HTML 84Page - Renesas Technology Corp 7721 Datasheet HTML 85Page - Renesas Technology Corp 7721 Datasheet HTML 86Page - Renesas Technology Corp 7721 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–6
(1)
Termination by interrupt request occurrence
When terminating Stop mode by interrupt request occurrence, instructions are executed after a
certain time measured by the watchdog timer has passed.
Œ When an interrupt request occurs, the oscillator starts oscillating. Simultaneously, supply of clock
φ1, f2 to f512 starts.
 The watchdog timer starts counting owing to the oscillation start. The watchdog timer counts f32
regardless of the watchdog timer frequency select bit’s (bit 0 at address 6116) contents.
Ž When the watchdog timer’s MSB becomes “0,” supply of
φCPU and φ starts. At the same time, the
watchdog timer’s count source returns to f32 or f512 that is selected by the watchdog timer frequency
select bit.
 The interrupt request which occurred in Œ is accepted.
Table 5.3.2 lists the interrupts used to terminate Stop mode.
Table 5.3.2 Interrupts used to terminate Stop mode
5.3 Stop mode
Conditions for using each function to generate interrupt request
Interrupt
____
INTi
interrupt (i = 0 to 2)
Timer Ai interrupt (i = 2 to 4)
Timer Bi interrupt (i = 0, 1)
UARTi transmit interrupt (i = 0, 1)
UARTi receive interrupt (i = 0, 1)
In event counter mode
When external clock is selected
Notes 1: Since the oscillator has stopped oscillating, interrupts not listed above cannot be used. Also, even
the interrupts listed above cannot be used when the above conditions are not satisfied. The
A-D converter does not operate, also.
2: When multiple interrupts listed above are enabled, Stop mode is terminated by the interrupt
request which occurs first.
3: Refer to “CHAPTER 7. INTERRUPTS” and the description of each internal peripheral device for
details about each interrupt.
Before executing the STP instruction, interrupts used to terminate Stop mode must be enabled.
In addition, the interrupt priority level of the interrupt used to terminate Stop mode must be higher
than the processor interrupt priority level (IPL) of the routine where the STP instruction is executed.
When multiple interrupts in Table 5.3.2 are enabled, Stop mode is terminated by the first interrupt
request.
There is a possibility that any of all interrupt requests occurs after the oscillation starts in Œ and until
supply of
φCPU and φ starts in Ž. The interrupt requests which occur during this period are accepted
in order of priority after the watchdog timer’s MSB becomes “0.”
For interrupts not to be accepted, set their interrupt priority levels to level 0 (interrupt disabled)
before executing the STP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com