Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 82Page - Renesas Technology Corp 7721 Datasheet HTML 83Page - Renesas Technology Corp 7721 Datasheet HTML 84Page - Renesas Technology Corp 7721 Datasheet HTML 85Page - Renesas Technology Corp 7721 Datasheet HTML 86Page - Renesas Technology Corp 7721 Datasheet HTML 87Page - Renesas Technology Corp 7721 Datasheet HTML 88Page - Renesas Technology Corp 7721 Datasheet HTML 89Page - Renesas Technology Corp 7721 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–9
5.4 Wait mode
Wait mode is used to stop
φCPU and φ when there is no need to operate the central processing unit (CPU).
The microcomputer enters Wait mode when the WIT instruction is executed.
Wait mode can be terminated by an interrupt request occurrence or the hardware reset.
5.4.1 Wait mode
When the WIT instruction is executed,
φCPU and φ stop. The oscillator’s oscillation is not stopped. This state
is called “Wait mode.”
In Wait mode, the microcomputer’s power consumption is lowered though Vcc (power source voltage) is
maintained.
Table 5.4.1 lists the microcomputer’s state and operation in and after Wait mode.
Table 5.4.1 Microcomputer’s state and operation in and after Wait mode
5.4 Wait mode
State and Operation
Item
Oscillation
φCPU, φ
Clock
φ1, f2 to f512
Timer A
Timer B
Serial I/O
A-D converter
DMA controller
DRAM controller
Watchdog timer
Pins
State in
Wait mode
Operation after
terminating
Wait mode
By interrupt request occurrence
By hardware reset
Operating
Stopped
Operating
Operating
Stopped
Stopped (Note)
Operating
Retains the same state in which the WIT instruction was executed
Supply of
φCPU and φ starts just after the termination.
Operates in the same way as hardware reset.
Note: The refresh timer operates, but DRAM refresh is not performed because the bus request (DRAMC)
does not occur. (Refer to section “Appendix 9. 7721 Group Q & A.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com