Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 37Page - Renesas Technology Corp 7721 Datasheet HTML 38Page - Renesas Technology Corp 7721 Datasheet HTML 39Page - Renesas Technology Corp 7721 Datasheet HTML 40Page - Renesas Technology Corp 7721 Datasheet HTML 41Page - Renesas Technology Corp 7721 Datasheet HTML 42Page - Renesas Technology Corp 7721 Datasheet HTML 43Page - Renesas Technology Corp 7721 Datasheet HTML 44Page - Renesas Technology Corp 7721 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 577 page
background image
7721 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–18
2.4.2 External area
Table 2.4.1 lists the external area. When connecting the external device, follow the procedure described
bellow:
•Connect the ROM to addresses FFCE16 to FFFF16 because they are interrupt vector table.
•Stack area can be assigned to bank 016 or bank FF16. Select the stack area by the stack bank select bit
(bit 7 at address 5E16). (Refer to “Figure 2.4.4.”)
•When using the DRAM controller, DRAM area can be selected from address FFFFFF16 toward the low-
order address in a unit of 1 Mbytes. (Refer to “CHAPTER 14. DRAM CONTROLLER.”)
In the case connecting an external device to the area where overlaps the internal area, when reading out
the overlapping area, the central processing unit (CPU) take in data of the internal area and do not take
in data of the external area.
When writing to the overlapping area, data is written to the internal area. The signal is output to the
external at the same timing when data is written to the internal area.
Table 2.4.1 External area
2.4 Memory assignment
0
M37721S2BFP
Type name
Internal RAM area select bit
External area
M37721S1BFP
“0” (Fix this bit to “0.”)
216–916
28016–1FBF16
200016–FFFFFF16
1
216–916
48016–1FBF16
200016–FFFFFF16
Internal RAM area select bit : bit 1 at address 5F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com