Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 78Page - Renesas Technology Corp 7721 Datasheet HTML 79Page - Renesas Technology Corp 7721 Datasheet HTML 80Page - Renesas Technology Corp 7721 Datasheet HTML 81Page - Renesas Technology Corp 7721 Datasheet HTML 82Page - Renesas Technology Corp 7721 Datasheet HTML 83Page - Renesas Technology Corp 7721 Datasheet HTML 84Page - Renesas Technology Corp 7721 Datasheet HTML 85Page - Renesas Technology Corp 7721 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–5
5.3 Stop mode
5.3 Stop mode
Stop mode is used to stop oscillation when there is no need to operate the central processing unit (CPU).
The microcomputer enters Stop mode when the STP instruction is executed.
Stop mode can be terminated by an interrupt request occurrence or the hardware reset.
5.3.1 Stop mode
When the STP instruction is executed, the oscillator stops oscillating. This state is called “Stop mode.”
In Stop mode, the contents of the internal RAM can be retained intact when Vcc (power source voltage)
is 2 V or more. Additionally, the microcomputer’s power consumption is lowered. It is because the CPU and
all internal peripheral devices using clocks f2 to f512 stop the operation.
Table 5.3.1 lists the microcomputer’s state and operation in and after Stop mode.
Table 5.3.1 Microcomputer’s state and operation in and after Stop mode
State and Operation
Item
Oscillation
φCPU, φ
Clock
φ1, f2 to f512
Timers A, B
Serial I/O
A-D converter
DMA controller
DRAM controller
Watchdog timer
Pins
By interrupt request
occurrence
By hardware reset
State in
Stop mode
Operation
after terminating
Stop mode
Stopped
Can operate only in event counter mode
Can operate only when an external clock is selected
Stopped
Stopped (Note)
Stopped
Retains the same state in which the STP instruction was executed
Supply of
φCPU and φ starts after a certain time measured by
Watchdog timer has passed.
Operates in the same way as hardware reset
Note: DRAM refresh is not performed because the refresh timer also stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com