Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 32Page - Renesas Technology Corp 7721 Datasheet HTML 33Page - Renesas Technology Corp 7721 Datasheet HTML 34Page - Renesas Technology Corp 7721 Datasheet HTML 35Page - Renesas Technology Corp 7721 Datasheet HTML 36Page - Renesas Technology Corp 7721 Datasheet HTML 37Page - Renesas Technology Corp 7721 Datasheet HTML 38Page - Renesas Technology Corp 7721 Datasheet HTML 39Page - Renesas Technology Corp 7721 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 577 page
background image
CENTRAL PROCESSING UNIT (CPU)
7721 Group User’s Manual
2–13
2.2 Bus interface unit
2.2.3 Operation of bus interface unit (BIU)
Figure 2.2.3 shows the basic operating waveforms of the bus interface unit (BIU).
About signals which are input/output externally when accessing external devices, refer to “CHAPTER 3.
CONNECTION WITH EXTERNAL DEVICES.”
(1)
When fetching instructions into the instruction queue buffer
Œ When the instruction which is next fetched is located at an even address, the BIU fetches 2 bytes
at a time with the timing of waveform (a).
However, when accessing an external device which is connected with the 8-bit external data bus
width (BYTE = “H”), only 1 byte of the instruction is fetched.
 When the instruction which is next fetched is located at an odd address, the BIU fetches only 1
byte with the timing of waveform (a). The contents at the even address are not taken into the
instruction queue buffer.
(2)
When reading or writing data to and from the memory•I/O device
Œ When accessing a 16-bit data which begins at an even address, waveform (a) is applied. The 16
bits of data are accessed at a time.
 When accessing a 16-bit data which begins at an odd address, waveform (b) is applied. The 16
bits of data are accessed separately in 2 operations, 8 bits at a time. Invalid data is not fetched
into the data buffer.
Ž When accessing an 8-bit data at an even address, waveform (a) is applied. The data at the odd
address is not fetched into the data buffer.
 When accessing an 8-bit data at an odd address, waveform (a) is applied. The data at the even
address is not fetched into the data buffer.
For instructions that are affected by the data length flag (m) and the index register length flag (x),
operation Œ or  is applied when flag m or x = “0”; operation Ž or  is applied when flag m or x
= “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com