Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 64Page - Renesas Technology Corp 7721 Datasheet HTML 65Page - Renesas Technology Corp 7721 Datasheet HTML 66Page - Renesas Technology Corp 7721 Datasheet HTML 67Page - Renesas Technology Corp 7721 Datasheet HTML 68Page - Renesas Technology Corp 7721 Datasheet HTML 69Page - Renesas Technology Corp 7721 Datasheet HTML 70Page - Renesas Technology Corp 7721 Datasheet HTML 71Page - Renesas Technology Corp 7721 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 577 page
background image
7721 Group User’s Manual
RESET
4–5
4.1 Hardware reset
?
0 : “0” immediately after reset.
1 : “1” immediately after reset.
? : Underfined immediately after
reset.
: Always “0” at reading.
0
0
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
1016
1116
1216
1316
Port P8 direction register
1416
1516
1616
1716
1816
1916
1A16
1B16
1C16
1D16
1E16
1F16
016
116
216
316
416
516
616
716
816
916
B16
C16
D16
E16
F16
A16
Address
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
A-D control register
A-D sweep pin select register
Register name
Access characteristics
State immediately after reset
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
?
0016
0016
0016
0
0
00
0
?
11
b7
b0
b7
b0
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
qSFR area (016 to 7F16, 1FC016 to 1FFF16)
RW
?
?
?
?
?
?
?
?
?
?
?
?
?
0016
?
?
?
0
?
?
?
?
?
?
??
?
?
: Always “1” at reading.
1
?
?
?
?
?
RW
RW
RW
RW
RW
WO
WO
Port P9 register
Port P9 direction register
Port P10 register
Port P10 direction register
Pulse output data register 0
Pulse output data register 1
00
0
00
0
00
0
00
?
Access characteristics
State immediately after reset
0016
0016
Fig. 4.1.4 State of SFR and internal RAM areas immediately after reset (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com