Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 72Page - Renesas Technology Corp 7721 Datasheet HTML 73Page - Renesas Technology Corp 7721 Datasheet HTML 74Page - Renesas Technology Corp 7721 Datasheet HTML 75Page - Renesas Technology Corp 7721 Datasheet HTML 76Page - Renesas Technology Corp 7721 Datasheet HTML 77Page - Renesas Technology Corp 7721 Datasheet HTML 78Page - Renesas Technology Corp 7721 Datasheet HTML 79Page - Renesas Technology Corp 7721 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 577 page
background image
7721 Group User’s Manual
RESET
4–13
4.2 Software reset
4.2 Software reset
When the power source voltage satisfies the microcomputer’s recommended operating conditions, the
microcomputer is reset by writing “1” to the software reset bit (bit 3 at address 5E16). (This is called “
Software reset.”) In this case, the microcomputer initializes pins, CPU, and SFR area just as in the case of
a hardware reset. However, the microcomputer retains the contents of the internal RAM area. (Refer to
“Table 4.1.1” and “Figures 4.1.3 to 4.1.9.”) Figure 4.2.1 shows the structure of the processor mode
register 0 (address 5E16).
After completing initialization, the microcomputer performs “internal processing sequence after reset.” (Refer
to “Figure 4.1.10.”) After that, it executes a program beginning from the address set into the reset vector
addresses (FFFE16 and FFFF16).
i
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Software reset bit
Interrupt priority detection
time select bits
Fix this bit to “ 0”
Stack bank select bit
0
0
0
0
0
0
The microcomputer is reset by
writing “1” to this bit.
The value of this bit is “0” at
reading.
0 0 : 7 cycles of
0 1 : 4 cycles of
1 0 : 2 cycles of
1 1 : Do not select.
0 : Bank 016
1 : Bank FF16
0
b5 b4
Processor mode register 0 (Address 5E16)
: Bits 0 to 2 and bits 4 to 7 are not used for software reset.
b1
b0
b2
b3
b4
b5
b6
b7
0
0
RW
RW
WO
RW
RW
RW
RW
Fix this bit to “0”
Nothing is assigned.
This bit is “1” at reading.
1
Wait bit
0 : Software Wait is inserted when
accessing external area.
1 : No software Wait is inserted
when accessing external area.
Fig. 4.2.1 Structure of processor mode register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com