Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 41Page - Renesas Technology Corp 7721 Datasheet HTML 42Page - Renesas Technology Corp 7721 Datasheet HTML 43Page - Renesas Technology Corp 7721 Datasheet HTML 44Page - Renesas Technology Corp 7721 Datasheet HTML 45Page - Renesas Technology Corp 7721 Datasheet HTML 46Page - Renesas Technology Corp 7721 Datasheet HTML 47Page - Renesas Technology Corp 7721 Datasheet HTML 48Page - Renesas Technology Corp 7721 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 577 page
background image
7721 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–22
2.4 Memory assignment
Bit
Bit name
Functions
At reset
RW
0
1
3
4
5
6
7
Fix this bit to “0.”
Software reset bit
Interrupt priority detection time
select bits
Stack bank select bit
0
0
0
The microcomputer is reset by
writing “1” to this bit. The value is
“0” at reading.
0 0 : 7 cycles of
0 1 : 4 cycles of
1 0 : 2 cycles of
1 1 : Do not select.
0 : Bank 016
1 : Bank FF16
0
1
b5 b4
Processor mode register 0 (Address 5E16)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
–
WO
0
RW
0
RW
Fix this bit to “0.”
RW
RW
0
Nothing is assigned.
The value is “1” at reading.
2
0
Wait bit
RW
0 : Software Wait is inserted when
accessing external area.
1 : No software Wait is inserted
when accessing external area.
b7
b6
b5
b4
b3
b2
b1
b0
Processor mode register 1 (Address 5F16)
Bit
7 to 2
1
0
Bit name
At reset
RW
Functions
Notes 1: For the M37721S1BFP, fix bit 1 to “0.”
2: For the M37721S2BFP, set bit 1 before setting the stack pointer.
Nothing is assigned.
–
Undefined
Internal RAM area select bit
(Notes 1, 2)
0 : 512 bytes (addresses 8016 to 27F16)
1 : 1024 bytes (addresses 8016 to 47F16)
Nothing is assigned.
RW
0
–
Undefined
: Bits 0 to 6 are not used for the memory assignment.
Fig. 2.4.4 Structure of processor mode registers 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com