Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 80Page - Renesas Technology Corp 7721 Datasheet HTML 81Page - Renesas Technology Corp 7721 Datasheet HTML 82Page - Renesas Technology Corp 7721 Datasheet HTML 83Page - Renesas Technology Corp 7721 Datasheet HTML 84Page - Renesas Technology Corp 7721 Datasheet HTML 85Page - Renesas Technology Corp 7721 Datasheet HTML 86Page - Renesas Technology Corp 7721 Datasheet HTML 87Page - Renesas Technology Corp 7721 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 577 page
background image
CLOCK GENERATING CIRCUIT
7721 Group User’s Manual
5–7
Fig. 5.3.1 Stop mode terminating sequence by interrupt request occurrence
(2)
Termination by hardware reset
______
Supply “L” level to the RESET pin by using the external circuit until the oscillation of the oscillator
is stabilized.
The CPU and the SFR area are initialized in the same way as system reset. However, the internal
RAM area retains the same contents as that before executing the STP instruction. The terminating
sequence is the same as the internal processing sequence which is performed after reset.
Refer to “CHAPTER 4. RESET” for details about reset.
5.3 Stop mode
CPU
“7FF16”
“FFF16”
Stop mode
f(XIN)
Operating
Stopped
Stopped
Internal peripheral devices
Operating
Value of Watchdog timer
f32 ! 2048 counts
Interrupt request
used to terminate
Stop mode
(Interrupt request bit)
Stopped
Operating
Operating
Operating
qInterrupt request used to
terminate Stop mode
occurs.
qOscillation starts.(When
an external clock is input
from the XIN pin, clock
input starts.)
qWatchdog timer starts
counting.
qSTP instruction
is executed
qWatchdog timer’s MSB = “0”
(However, watchdog timer interrupt
request does not occur.)
qSupply of CPU,
starts.
qInterrupt request which has been used
to terminate Stop mode is accepted.
CPU
,
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com