Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 71Page - Renesas Technology Corp 7721 Datasheet HTML 72Page - Renesas Technology Corp 7721 Datasheet HTML 73Page - Renesas Technology Corp 7721 Datasheet HTML 74Page - Renesas Technology Corp 7721 Datasheet HTML 75Page - Renesas Technology Corp 7721 Datasheet HTML 76Page - Renesas Technology Corp 7721 Datasheet HTML 77Page - Renesas Technology Corp 7721 Datasheet HTML 78Page - Renesas Technology Corp 7721 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 577 page
background image
RESET
7721 Group User’s Manual
4–12
______
4.1.4 Time supplying “L” level to RESET pin
______
Time supplying “L” level to the RESET pin varies according to the state of the clock oscillation circuit.
qWhen the oscillator is stably oscillating or a stable clock is input from the XIN pin, supply “L” level for
2
µs or more.
qWhen the oscillator is not stably oscillating (including the case at power-on reset or in Stop mode), supply
“L” level until the oscillation is stabilized.
The time required for stabilizing oscillation varies according to the oscillator. For details, contact the
oscillator manufacturer.
Figure 4.1.11 shows the power-on reset conditions. Figure 4.1.12 shows an example of a power-on reset
circuit.
V For details about Stop mode, refer to section “5.3 Stop mode.” For details about clocks, refer to
“CHAPTER 5. CLOCK GENERATING CIRCUIT.”
4.1 Hardware reset
Fig. 4.1.11 Power-on reset conditions
Fig. 4.1.12 Example of power-on reset circuit
0V
0V
Vcc
RESET
Powered on here
4.5V
0.9V
1
IN
OUT
GND
Delay
capacity
RESET
Vcc
Vss
47
SW
Cd
GND
3
25
5 V
M51957AL
M37721
27 k
10 k
4
V The delay time is about 11 ms when Cd = 0.033
µF.
td
≈ 0.34 ! Cd [ µs], Cd: [ pF ]
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com