Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 113 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 109Page - STMicroelectronics 9202 Datasheet HTML 110Page - STMicroelectronics 9202 Datasheet HTML 111Page - STMicroelectronics 9202 Datasheet HTML 112Page - STMicroelectronics 9202 Datasheet HTML 113Page - STMicroelectronics 9202 Datasheet HTML 114Page - STMicroelectronics 9202 Datasheet HTML 115Page - STMicroelectronics 9202 Datasheet HTML 116Page - STMicroelectronics 9202 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 175 page
background image
113/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Unlock Bypass. The Unlock Bypass instructions
allow the system to program bytes to the Flash
memories faster than using the standard Program
instruction. The Unlock Bypass Mode is entered
by first initiating two Unlock cycles. This is followed
by a third WRITE cycle containing the Unlock By-
pass code, 20h (as shown in Table 85).
The Flash memory then enters the Unlock Bypass
Mode. A two-cycle Unlock Bypass Program in-
struction is all that is required to program in this
mode. The first cycle in this instruction contains
the Unlock Bypass Program code, A0h. The sec-
ond cycle contains the program address and data.
Additional data is programmed in the same man-
ner. These instructions dispense with the initial
two Unlock cycles required in the standard Pro-
gram instruction, resulting in faster total Flash
memory programming.
During the Unlock Bypass Mode, only the Unlock
Bypass Program and Unlock Bypass Reset Flash
instructions are valid.
To exit the Unlock Bypass Mode, the system must
issue the two-cycle Unlock Bypass Reset Flash in-
struction. The first cycle must contain the data
90h; the second cycle the data 00h. Addresses are
Don’t Care for both cycles. The Flash memory
then returns to READ Mode.
Erasing Flash Memory
Flash Bulk Erase. The Flash Bulk Erase instruc-
tion uses six WRITE operations followed by a
READ operation of the status register, as de-
scribed in Table 85. If any byte of the Bulk Erase
instruction is wrong, the Bulk Erase instruction
aborts and the device is reset to the READ Flash
memory status.
During a Bulk Erase, the memory status may be
checked by reading the Error Flag Bit (DQ5), the
Toggle Flag Bit (DQ6), and the Data Polling Flag
Bit (DQ7), as detailed in the section entitled “Pro-
gramming Flash Memory,” page 111. The Error
Flag Bit (DQ5) returns a '1' if there has been an
Erase Failure (maximum number of Erase cycles
have been executed).
It is not necessary to program the memory with
00h because the PSD MODULE automatically
does this before erasing to 0FFh.
During execution of the Bulk Erase instruction, the
Flash memory does not accept any instructions.
Flash Sector Erase. The Sector Erase instruc-
tion uses six WRITE operations, as described in
Table 85. Additional Flash Sector Erase codes
and Flash memory sector addresses can be writ-
ten subsequently to erase other Flash memory
sectors in parallel, without further coded cycles, if
the additional bytes are transmitted in a shorter
time than the time-out period of about 100µs. The
input of a new Sector Erase code restarts the time-
out period.
The status of the internal timer can be monitored
through the level of the Erase Time-out Flag Bit
(DQ3). If the Erase Time-out Flag Bit (DQ3) is '0,'
the Sector Erase instruction has been received
and the time-out period is counting. If the Erase
Time-out Flag Bit (DQ3) is '1,' the time-out period
has expired and the embedded algorithm is busy
erasing the Flash memory sector(s). Before and
during Erase time-out, any instruction other than
Suspend Sector Erase and Resume Sector Erase
instructions abort the cycle that is currently in
progress, and reset the device to READ Mode.
During a Sector Erase, the memory status may be
checked by reading the Error Flag Bit (DQ5), the
Toggle Flag Bit (DQ6), and the Data Polling Flag
Bit (DQ7), as detailed in the section entitled “Pro-
gramming Flash Memory,” page 111.
During execution of the Erase cycle, the Flash
memory accepts only RESET and Suspend Sec-
tor Erase instructions. Erasure of one Flash mem-
ory sector may be suspended, in order to read
data from another Flash memory sector, and then
resumed.
Suspend Sector Erase. When a Sector Erase
cycle is in progress, the Suspend Sector Erase in-
struction can be used to suspend the cycle by writ-
ing 0B0h to any address when an appropriate
Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3)
is High. (See Table 85). This allows reading of
data from another Flash memory sector after the
Erase cycle has been suspended. Suspend Sec-
tor Erase is accepted only during an Erase cycle
and defaults to READ Mode. A Suspend Sector
Erase instruction executed during an Erase time-
out period, in addition to suspending the Erase cy-
cle, terminates the time out period.
The Toggle Flag Bit (DQ6) stops toggling when the
internal logic is suspended. The status of this bit
must be monitored at an address within the Flash
memory sector being erased. The Toggle Flag Bit
(DQ6) stops toggling between 0.1µs and 15µs af-
ter the Suspend Sector Erase instruction has been
executed. The Flash memory is then automatically
set to READ Mode.
If an Suspend Sector Erase instruction was exe-
cuted, the following rules apply:
– Attempting to read from a Flash memory sector
that was being erased outputs invalid data.
– Reading from a Flash sector that was
not being
erased is valid.
– The Flash memory
cannot be programmed, and
only responds to Resume Sector Erase and
Reset Flash instructions (READ is an operation
and is allowed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com