Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 115 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 111Page - STMicroelectronics 9202 Datasheet HTML 112Page - STMicroelectronics 9202 Datasheet HTML 113Page - STMicroelectronics 9202 Datasheet HTML 114Page - STMicroelectronics 9202 Datasheet HTML 115Page - STMicroelectronics 9202 Datasheet HTML 116Page - STMicroelectronics 9202 Datasheet HTML 117Page - STMicroelectronics 9202 Datasheet HTML 118Page - STMicroelectronics 9202 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 175 page
background image
115/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Reset Flash. The Reset Flash instruction con-
sists of one WRITE cycle (see Table 85). It can
also be optionally preceded by the standard two
WRITE decoding cycles (writing AAh to 555h and
55h to AAAh). It must be executed after:
– Reading the Flash Protection Status or Flash ID
– An Error condition has occurred (and the device
has set the Error Flag Bit (DQ5) to '1' during a
Flash memory Program or Erase cycle.
The Reset Flash instruction puts the Flash memo-
ry back into normal READ Mode. If an Error condi-
tion has occurred (and the device has set the Error
Flag Bit (DQ5) to '1' the Flash memory is put back
into normal READ Mode within 25
µs of the Reset
Flash instruction having been issued. The Reset
Flash instruction is ignored when it is issued dur-
ing a Program or Bulk Erase cycle of the Flash
memory. The Reset Flash instruction aborts any
on-going Sector Erase cycle, and returns the
Flash memory to the normal READ Mode within
25
µs.
Reset (RESET) Signal. A pulse on Reset (RE-
SET) aborts any cycle that is in progress, and re-
sets the Flash memory to the READ Mode. When
the reset occurs during a Program or Erase cycle,
the Flash memory takes up to 25
µs to return to the
READ Mode. It is recommended that the Reset
(RESET) pulse (except for Power-on RESET, as
described on page 139) be at least 25
µs so that
the Flash memory is always ready for the MCU to
retreive the bootstrap instructions after the reset
cycle is complete.
SRAM
The SRAM is enabled when SRAM Select (RS0)
from the DPLD is High. SRAM Select (RS0) can
contain up to two product terms, allowing flexible
memory mapping.
The SRAM can be backed up using an external
battery. The external battery should be connected
to Voltage Stand-by (VSTBY, PC2). If you have an
external battery connected to the uPSD325X de-
vices, the contents of the SRAM are retained in the
event of a power loss. The contents of the SRAM
are retained so long as the battery voltage remains
at 2V or greater. If the supply voltage falls below
the battery voltage, an internal power switch-over
to the battery occurs.
PC4 can be configured as an output that indicates
when power is being drawn from the external bat-
tery. Battery-on Indicator (VBATON, PC4) is High
with the supply voltage falls below the battery volt-
age and the battery on Voltage Stand-by (VSTBY,
PC2) is supplying power to the internal SRAM.
SRAM Select (RS0), Voltage Stand-by (VSTBY,
PC2) and Battery-on Indicator (VBATON, PC4) are
all configured using PSDsoft Express Configura-
tion.
Sector Select and SRAM Select
Sector Select (FS0-FS7, CSBOOT0-CSBOOT3)
and SRAM Select (RS0) are all outputs of the
DPLD. They are setup by writing equations for
them in PSDsoft Express. The following rules ap-
ply to the equations for these signals:
1. Primary Flash memory and secondary Flash
memory Sector Select signals must
not be larg-
er than the physical sector size.
2. Any primary Flash memory sector must
not be
mapped in the same memory space as another
Flash memory sector.
3. A secondary Flash memory sector must
not be
mapped in the same memory space as another
secondary Flash memory sector.
4. SRAM, I/O, and Peripheral I/O spaces must
not
overlap.
5. A secondary Flash memory sector
may overlap
a primary Flash memory sector. In case of over-
lap, priority is given to the secondary Flash
memory sector.
6. SRAM, I/O, and Peripheral I/O spaces
may
overlap any other memory sector. Priority is giv-
en to the SRAM, I/O, or Peripheral I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com