Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 119 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 115Page - STMicroelectronics 9202 Datasheet HTML 116Page - STMicroelectronics 9202 Datasheet HTML 117Page - STMicroelectronics 9202 Datasheet HTML 118Page - STMicroelectronics 9202 Datasheet HTML 119Page - STMicroelectronics 9202 Datasheet HTML 120Page - STMicroelectronics 9202 Datasheet HTML 121Page - STMicroelectronics 9202 Datasheet HTML 122Page - STMicroelectronics 9202 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 175 page
background image
119/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
PLDS
The PLDs bring programmable logic functionality
to the uPSD. After specifying the logic for the
PLDs in PSDsoft Express, the logic is pro-
grammed into the device and available upon Pow-
er-up.
Table 89. DPLD and CPLD Inputs
Note: 1. These inputs are not available in the 52-pin package.
The PSD MODULE contains two PLDs: the De-
code PLD (DPLD), and the Complex PLD (CPLD).
The PLDs are briefly discussed in the next few
paragraphs, and in more detail in the section enti-
tled “Decode PLD (DPLD),” page 121, and the
section entitled “Complex PLD (CPLD),” page 122.
Figure 58 shows the configuration of the PLDs.
The DPLD performs address decoding for Select
signals for PSD MODULE components, such as
memory, registers, and I/O ports.
The CPLD can be used for logic functions, such as
loadable counters and shift registers, state ma-
chines, and encoding and decoding logic. These
logic functions can be constructed using the Out-
put Macrocells (OMC), Input Macrocells (IMC),
and the AND Array. The CPLD can also be used
to generate External Chip Select (ECS1-ECS2)
signals.
The AND Array is used to form product terms.
These product terms are specified using PSDsoft.
The PLD input signals consist of internal MCU sig-
nals and external inputs from the I/O ports. The in-
put signals are shown in Table 89.
The Turbo Bit in PSD MODULE
The PLDs can minimize power consumption by
switching off when inputs remain unchanged for
an extended time of about 70ns. Resetting the
Turbo Bit to '0' (Bit 3 of PMMR0) automatically
places the PLDs into standby if no inputs are
changing. Turning the Turbo Mode off increases
propagation delays while reducing power con-
sumption. See the section entitled “POWER MAN-
AGEMENT,” page 135, on how to set the Turbo
Bit.
Additionally, five bits are available in PMMR2 to
block MCU control signals from entering the PLDs.
This reduces power consumption and can be used
only when these MCU control signals are not used
in PLD logic equations.
Each of the two PLDs has unique characteristics
suited for its applications. They are described in
the following sections.
Input Source
Input Name
Number
of
Signals
MCU Address Bus
A15-A0
16
MCU Control Signals
PSEN, RD, WR,
ALE
4
RESET
RST
1
Power-down
PDN
1
Port A Input
Macrocells(1)
PA7-PA0
8
Port B Input
Macrocells
PB7-PB0
8
Port C Input
Macrocells
PC2-4, PC7
4
Port D Inputs
PD2-PD1
2
Page Register
PGR7-PGR0
8
Macrocell AB
Feedback
MCELLAB.FB7-
FB0
8
Macrocell BC
Feedback
MCELLBC.FB7-
FB0
8
Flash memory
Program Status Bit
Ready/Busy
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com