Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 124 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 120Page - STMicroelectronics 9202 Datasheet HTML 121Page - STMicroelectronics 9202 Datasheet HTML 122Page - STMicroelectronics 9202 Datasheet HTML 123Page - STMicroelectronics 9202 Datasheet HTML 124Page - STMicroelectronics 9202 Datasheet HTML 125Page - STMicroelectronics 9202 Datasheet HTML 126Page - STMicroelectronics 9202 Datasheet HTML 127Page - STMicroelectronics 9202 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
124/175
Product Term Allocator
The CPLD has a Product Term Allocator. PSDsoft
uses the Product Term Allocator to borrow and
place product terms from one macrocell to anoth-
er. The following list summarizes how product
terms are allocated:
s
McellAB0-McellAB7 all have three native
product terms and may borrow up to six more
s
McellBC0-McellBC3 all have four native product
terms and may borrow up to five more
s
McellBC4-McellBC7 all have four native product
terms and may borrow up to six more.
Each macrocell may only borrow product terms
from certain other macrocells. Product terms al-
ready in use by one macrocell are not available for
another macrocell.
If an equation requires more product terms than
are available to it, then “external” product terms
are required, which consume other Output Macro-
cells (OMC). If external product terms are used,
extra delay is added for the equation that required
the extra product terms.
This is called product term expansion. PSDsoft
Express performs this expansion as needed.
Loading and Reading the Output Macrocells
(OMC). The Output Macrocells (OMC) block oc-
cupies a memory location in the MCU address
space, as defined by the CSIOP block (see the
section entitled “I/O PORTS (PSD MODULE),” on
page 126). The flip-flops in each of the 16 Output
Macrocells (OMC) can be loaded from the data
bus by a MCU. Loading the Output Macrocells
(OMC) with data from the MCU takes priority over
internal functions. As such, the preset, clear, and
clock inputs to the flip-flop can be overridden by
the MCU. The ability to load the flip-flops and read
them back is useful in such applications as load-
able counters and shift registers, mailboxes, and
handshaking protocols.
Data can be loaded to the Output Macrocells
(OMC) on the trailing edge of WRITE Strobe (WR,
edge loading) or during the time that WRITE
Strobe (WR) is active (level loading). The method
of loading is specified in PSDsoft Express Config-
uration.
Figure 61. CPLD Output Macrocell
PT
ALLOCATOR
MASK
REG.
PT CLK
PT
PT
PT
CLKIN
FEEDBACK (.FB)
PORT INPUT
MUX
MUX
POLARITY
SELECT
LD
IN
CLR
Q
PR
DIN
COMB/REG
SELECT
PORT
DRIVER
INPUT
MACROCELL
I/O PIN
MACROCELL
ALLOCATOR
MCU DATA BUS
D [ 7:0]
DIRECTION
REGISTER
CLEAR (.RE)
PROGRAMMABLE
FF (D / T/JK /SR)
WR
ENABLE (.OE)
PRESET(.PR)
RD
MACROCELL CS
AI06617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com