Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 125 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 121Page - STMicroelectronics 9202 Datasheet HTML 122Page - STMicroelectronics 9202 Datasheet HTML 123Page - STMicroelectronics 9202 Datasheet HTML 124Page - STMicroelectronics 9202 Datasheet HTML 125Page - STMicroelectronics 9202 Datasheet HTML 126Page - STMicroelectronics 9202 Datasheet HTML 127Page - STMicroelectronics 9202 Datasheet HTML 128Page - STMicroelectronics 9202 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 175 page
background image
125/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
The OMC Mask Register. There is one Mask
Register for each of the two groups of eight Output
Macrocells (OMC). The Mask Registers can be
used to block the loading of data to individual Out-
put Macrocells (OMC). The default value for the
Mask Registers is 00h, which allows loading of the
Output Macrocells (OMC). When a given bit in a
Mask Register is set to a '1,' the MCU is blocked
from writing to the associated Output Macrocells
(OMC).
For
example,
suppose
McellAB0-
McellAB3 are being used for a state machine. You
would not want a MCU write to McellAB to over-
write the state machine registers. Therefore, you
would want to load the Mask Register for McellAB
(Mask Macrocell AB) with the value 0Fh.
The Output Enable of the OMC. The
Output
Macrocells (OMC) block can be connected to an I/
O port pin as a PLD output. The output enable of
each port pin driver is controlled by a single prod-
uct term from the AND Array, ORed with the Direc-
tion Register output. The pin is enabled upon
Power-up if no output enable equation is defined
and if the pin is declared as a PLD output in PSD-
soft Express.
If the Output Macrocell (OMC) output is declared
as an internal node and not as a port pin output in
the PSDabel file, the port pin can be used for other
I/O functions. The internal node feedback can be
routed as an input to the AND Array.
Input Macrocells (IMC)
The CPLD has 20 Input Macrocells (IMC), one for
each pin on Ports A and B, and 4 on Port C. The
architecture of the Input Macrocells (IMC) is
shown in Figure 62. The Input Macrocells (IMC)
are individually configurable, and can be used as
a latch, register, or to pass incoming Port signals
prior to driving them onto the PLD input bus. The
outputs of the Input Macrocells (IMC) can be read
by the MCU through the internal data bus.
The enable for the latch and clock for the register
are driven by a multiplexer whose inputs are a
product term from the CPLD AND Array or the
MCU Address Strobe (ALE). Each product term
output is used to latch or clock four Input Macro-
cells (IMC). Port inputs 3-0 can be controlled by
one product term and 7-4 by another.
Configurations for the Input Macrocells (IMC) are
specified by equations written in PSDsoft (see Ap-
plication Note
AN1171). Outputs of the Input Mac-
rocells (IMC) can be read by the MCU via the IMC
buffer. See the section entitled “I/O PORTS (PSD
MODULE),” page 126.
Figure 62. Input Macrocell
OUTPUT
MACROCELLS BC
AND
MACROCELL AB
PT
PT
FEEDBACK
PORT
DRIVER
I/O PIN
MCU DATA BUS
D [ 7: 0]
DIRECTION
REGISTER
MUX
MUX
ALE
PT
Q
Q
D
D
G
LATCH
INPUT MACROCELL
ENABLE (.OE)
D FF
INPUT MACROCELL _ RD
AI06603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com