Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 142 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 138Page - STMicroelectronics 9202 Datasheet HTML 139Page - STMicroelectronics 9202 Datasheet HTML 140Page - STMicroelectronics 9202 Datasheet HTML 141Page - STMicroelectronics 9202 Datasheet HTML 142Page - STMicroelectronics 9202 Datasheet HTML 143Page - STMicroelectronics 9202 Datasheet HTML 144Page - STMicroelectronics 9202 Datasheet HTML 145Page - STMicroelectronics 9202 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
142/175
AC/DC PARAMETERS
These tables describe the AD and DC parameters
of the uPSD325X devices:
§
DC Electrical Specification
§
AC Timing Specification
s
PLD Timing
– Combinatorial Timing
– Synchronous Clock Mode
– Asynchronous Clock Mode
– Input Macrocell Timing
s
MCU Module Timing
– READ Timing
–WRITE Timing
– Power-down and RESET Timing
The following are issues concerning the parame-
ters presented:
s
In the DC specification the supply current is
given for different modes of operation.
s
The AC power component gives the PLD, Flash
memory, and SRAM mA/MHz specification.
Figure 72 and Figure 73 show the PLD mA/MHz
as a function of the number of Product Terms
(PT) used.
s
In the PLD timing parameters, add the required
delay when Turbo Bit is '0.'
Figure 72. PLD ICC /Frequency Consumption (5V range)
Figure 73. PLD ICC /Frequency Consumption (3V range)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%
AI02894
0
10
20
30
40
50
60
VCC = 3V
010
15
5
20
25
TURBO
ON (100%)
TURBO
ON (25%)
TURBO
OFF
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
PT 100%
PT 25%
AI03100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com