Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 143 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 139Page - STMicroelectronics 9202 Datasheet HTML 140Page - STMicroelectronics 9202 Datasheet HTML 141Page - STMicroelectronics 9202 Datasheet HTML 142Page - STMicroelectronics 9202 Datasheet HTML 143Page - STMicroelectronics 9202 Datasheet HTML 144Page - STMicroelectronics 9202 Datasheet HTML 145Page - STMicroelectronics 9202 Datasheet HTML 146Page - STMicroelectronics 9202 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 175 page
background image
143/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Table 106. PSD MODULE Example, Typ. Power Calculation at VCC = 5.0V (Turbo Mode Off)
Conditions
MCU Clock Frequency
= 12MHz
Highest Composite PLD input frequency
(Freq PLD)
= 8MHz
MCU ALE frequency (Freq ALE)
= 2MHz
% Flash memory
Access
= 80%
% SRAM access
= 15%
% I/O access
= 5% (no additional power above base)
Operational Modes
% Normal
= 40%
% Power-down Mode
= 60%
Number of product terms used
(from fitter report)
= 45 PT
% of total product terms
= 45/182 = 24.7%
Turbo Mode
= Off
Calculation (using typical values)
ICC total
= ICC(MCUactive) x %MCUactive + ICC(PSDactive) x %PSDactive + IPD(pwrdown) x %pwrdown
ICC(MCUactive)
= 20mA
IPD(pwrdown)
= 250µA
ICC(PSDactive)
= ICC(ac) + ICC(dc)
= %flash x 2.5 mA/MHz x Freq ALE
+ %SRAM x 1.5 mA/MHz x Freq ALE
+ % PLD x (from graph using Freq PLD)
= 0.8 x 2.5 mA/MHz x 2MHz + 0.15 x 1.5 mA/MHz x 2MHz + 24 mA
= (4 + 0.45 + 24) mA
= 28.45mA
ICC total
= 20mA x 40% + 28.45mA x 40% + 250µA x 60%
= 8mA + 11.38mA + 150µA
= 19.53mA
This is the operating power with no Flash memory Erase or Program cycles in progress. Calculation is based on all I/
O pins being disconnected and IOUT = 0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com