Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 154 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 150Page - STMicroelectronics 9202 Datasheet HTML 151Page - STMicroelectronics 9202 Datasheet HTML 152Page - STMicroelectronics 9202 Datasheet HTML 153Page - STMicroelectronics 9202 Datasheet HTML 154Page - STMicroelectronics 9202 Datasheet HTML 155Page - STMicroelectronics 9202 Datasheet HTML 156Page - STMicroelectronics 9202 Datasheet HTML 157Page - STMicroelectronics 9202 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
154/175
Table 117. External Data Memory AC Characteristics (with the 5V MCU Module)
Note: 1. Conditions (in addition to those in Table 108, VCC = 4.5 to 5.5V): VSS = 0V; CL for Port 0, ALE and PSEN output is 100pF; CL for
other outputs is 80pF
Symbol
Parameter(1)
40MHz Oscillator
Variable Oscillator
1/tCLCL = 24 to 40MHz
Unit
Min
Max
Min
Max
tRLRH
RD pulse width
120
6tCLCL – 30
ns
tWLWH
WR pulse width
120
6tCLCL – 30
ns
tLLAX2
Address hold after ALE
10
tCLCL – 15
ns
tRHDX
RD to valid data in
75
5tCLCL – 50
ns
tRHDX
Data hold after RD
00
ns
tRHDZ
Data float after RD
38
2tCLCL – 12
ns
tLLDV
ALE to valid data in
150
8tCLCL – 50
ns
tAVDV
Address to valid data in
150
9tCLCL – 75
ns
tLLWL
ALE to WR or RD
60
90
3tCLCL – 15
tCLCL + 15
ns
tAVWL
Address valid to WR or RD
70
4tCLCL – 30
ns
tWHLH
WR or RD High to ALE High
10
40
tCLCL – 15
tCLCL + 15
ns
tQVWX
Data valid to WR transition
5
tCLCL – 20
ns
tQVWH
Data set-up before WR
125
7tCLCL – 50
ns
tWHQX
Data hold after WR
5
tCLCL – 20
ns
tRLAZ
Address float after RD
00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com