Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 156 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 152Page - STMicroelectronics 9202 Datasheet HTML 153Page - STMicroelectronics 9202 Datasheet HTML 154Page - STMicroelectronics 9202 Datasheet HTML 155Page - STMicroelectronics 9202 Datasheet HTML 156Page - STMicroelectronics 9202 Datasheet HTML 157Page - STMicroelectronics 9202 Datasheet HTML 158Page - STMicroelectronics 9202 Datasheet HTML 159Page - STMicroelectronics 9202 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
156/175
Figure 78. Input to Output Disable / Enable
Table 120. CPLD Combinatorial Timing (5V Devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD1. Decrement times by given amount
2. tPD for MCU address and control signals refers to delay from pins on Port 0, Port 2, RD WR, PSEN and ALE to CPLD combinatorial
output (80-pin package only)
Table 121. CPLD Combinatorial Timing (3V Devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD1. Decrement times by given amount
2. tPD for MCU address and control signals refers to delay from pins on Port 0, Port 2, RD WR, PSEN and ALE to CPLD combinatorial
output (80-pin package only)
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
rate(1)
Unit
tPD
(2)
CPLD Input Pin/Feedback to
CPLD Combinatorial Output
20
+ 2
+ 10
– 2
ns
tEA
CPLD Input to CPLD Output
Enable
21
+ 10
– 2
ns
tER
CPLD Input to CPLD Output
Disable
21
+ 10
– 2
ns
tARP
CPLD Register Clear or Preset
Delay
21
+ 10
– 2
ns
tARPW
CPLD Register Clear or Preset
Pulse Width
10
+ 10
ns
tARD
CPLD Array Delay
Any
macrocell
11
+ 2
ns
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
rate(1)
Unit
tPD
(2)
CPLD Input Pin/Feedback to
CPLD Combinatorial Output
40
+ 4
+ 20
– 6
ns
tEA
CPLD Input to CPLD Output
Enable
43
+ 20
– 6
ns
tER
CPLD Input to CPLD Output
Disable
43
+ 20
– 6
ns
tARP
CPLD Register Clear or
Preset Delay
40
+ 20
– 6
ns
tARPW
CPLD Register Clear or
Preset Pulse Width
25
+ 20
ns
tARD
CPLD Array Delay
Any
macrocell
25
+ 4
ns
tER
tEA
INPUT
INPUT TO
OUTPUT
ENABLE/DISABLE
AI02863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com