Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 159 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 155Page - STMicroelectronics 9202 Datasheet HTML 156Page - STMicroelectronics 9202 Datasheet HTML 157Page - STMicroelectronics 9202 Datasheet HTML 158Page - STMicroelectronics 9202 Datasheet HTML 159Page - STMicroelectronics 9202 Datasheet HTML 160Page - STMicroelectronics 9202 Datasheet HTML 161Page - STMicroelectronics 9202 Datasheet HTML 162Page - STMicroelectronics 9202 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 175 page
background image
159/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Figure 80. Asynchronous RESET / Preset
Figure 81. Asynchronous Clock Mode Timing (product term clock)
Table 124. CPLD Macrocell Asynchronous Clock Mode Timing (5V Devices)
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
Rate
Unit
fMAXA
Maximum Frequency
External Feedback
1/(tSA+tCOA)
38.4
MHz
Maximum Frequency
Internal Feedback (fCNTA)
1/(tSA+tCOA–10)
62.5
MHz
Maximum Frequency
Pipelined Data
1/(tCHA+tCLA)
71.4
MHz
tSA
Input Setup Time
7
+ 2
+ 10
ns
tHA
Input Hold Time
8
ns
tCHA
Clock Input High Time
9
+ 10
ns
tCLA
Clock Input Low Time
9
+ 10
ns
tCOA
Clock to Output Delay
21
+ 10
– 2
ns
tARDA
CPLD Array Delay
Any macrocell
11
+ 2
ns
tMINA
Minimum Clock Period
1/fCNTA
16
ns
tARP
REGISTER
OUTPUT
tARPW
RESET/PRESET
INPUT
AI02864
tCHA
tCLA
tCOA
tHA
tSA
CLOCK
INPUT
REGISTERED
OUTPUT
AI02859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com