Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 161 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 157Page - STMicroelectronics 9202 Datasheet HTML 158Page - STMicroelectronics 9202 Datasheet HTML 159Page - STMicroelectronics 9202 Datasheet HTML 160Page - STMicroelectronics 9202 Datasheet HTML 161Page - STMicroelectronics 9202 Datasheet HTML 162Page - STMicroelectronics 9202 Datasheet HTML 163Page - STMicroelectronics 9202 Datasheet HTML 164Page - STMicroelectronics 9202 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 175 page
background image
161/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Figure 82. Input Macrocell Timing (product term clock)
Table 126. Input Macrocell Timing (5V Devices)
Note: 1. Inputs from Port A, B, and C relative to register/ latch clock from the PLD. ALE/AS latch timings refer to tAVLX and tLXAX.
Table 127. Input Macrocell Timing (3V Devices)
Note: 1. Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings refer to tAVLX and tLXAX.
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Unit
tIS
Input Setup Time
(Note 1)
0ns
tIH
Input Hold Time
(Note 1)
15
+ 10
ns
tINH
NIB Input High Time
(Note 1)
9ns
tINL
NIB Input Low Time
(Note 1)
9ns
tINO
NIB Input to Combinatorial Delay
(Note 1)
34
+ 2
+ 10
ns
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Unit
tIS
Input Setup Time
(Note 1)
0ns
tIH
Input Hold Time
(Note 1)
25
+ 20
ns
tINH
NIB Input High Time
(Note 1)
12
ns
tINL
NIB Input Low Time
(Note 1)
12
ns
tINO
NIB Input to Combinatorial Delay
(Note 1)
46
+ 4
+ 20
ns
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com