Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 165 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 161Page - STMicroelectronics 9202 Datasheet HTML 162Page - STMicroelectronics 9202 Datasheet HTML 163Page - STMicroelectronics 9202 Datasheet HTML 164Page - STMicroelectronics 9202 Datasheet HTML 165Page - STMicroelectronics 9202 Datasheet HTML 166Page - STMicroelectronics 9202 Datasheet HTML 167Page - STMicroelectronics 9202 Datasheet HTML 168Page - STMicroelectronics 9202 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 175 page
background image
165/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Figure 85. Reset (RESET) Timing
Table 134. Reset (RESET) Timing (5V Devices)
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. Warm RESET aborts Flash memory Program or Erase cycles, and puts the device in READ Mode.
Table 135. Reset (RESET) Timing (3V Devices)
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. Warm RESET aborts Flash memory Program or Erase cycles, and puts the device in READ Mode.
Table 136. VSTBYON Definitions Timing (5V Devices)
Note: 1. VSTBYON timing is measured at VCC ramp rate of 2ms.
Table 137. VSTBYON Timing (3V Devices)
Note: 1. VSTBYON timing is measured at VCC ramp rate of 2ms.
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time(1)
150
ns
tNLNH–PO
Power-on Reset Active Low Time
1
ms
tNLNH–A
Warm RESET (2)
25
µs
tOPR
RESET High to Operational Device
120
ns
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time(1)
300
ns
tNLNH–PO
Power-on Reset Active Low Time
1
ms
tNLNH–A
Warm RESET (2)
25
µs
tOPR
RESET High to Operational Device
300
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
20
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
20
µs
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com