Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 169 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 165Page - STMicroelectronics 9202 Datasheet HTML 166Page - STMicroelectronics 9202 Datasheet HTML 167Page - STMicroelectronics 9202 Datasheet HTML 168Page - STMicroelectronics 9202 Datasheet HTML 169Page - STMicroelectronics 9202 Datasheet HTML 170Page - STMicroelectronics 9202 Datasheet HTML 171Page - STMicroelectronics 9202 Datasheet HTML 172Page - STMicroelectronics 9202 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 175 page
background image
169/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
PART NUMBERING
Table 141. Ordering Information Scheme
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
uPSD
3
2
5
4
B
V
–
24
U
6
T
Device Type
uPSD = Microcontroller PSD
Family
3 = 8032 core
PLD Size
2 = 16 Macrocells
SRAM Size
5 = 256Kbit
Main Flash Memory Size
3 = 1Mbit
4 = 2Mbit
IP Mix
A = USB, I2C, PWM, DDC, ADC, (2) UARTs
Supervisor (Reset Out, Reset In, LVD, WD)
B = I2C, PWM, DDC, ADC, (2) UARTs
Supervisor (Reset Out, Reset In, LVD, WD)
Operating Voltage
blank = VCC = 4.5 to 5.5V
V = VCC = 3.0 to 3.6V
Speed
–24 = 24MHz
–40 = 40MHz
Package
T = 52-pin TQFP
U = 80-pin TQFP
Temperature Range
1 = 0 to 70°C
6 = –40 to 85°C
Shipping Option
Tape & Reel Packing = T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com