Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 168 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 164Page - STMicroelectronics 9202 Datasheet HTML 165Page - STMicroelectronics 9202 Datasheet HTML 166Page - STMicroelectronics 9202 Datasheet HTML 167Page - STMicroelectronics 9202 Datasheet HTML 168Page - STMicroelectronics 9202 Datasheet HTML 169Page - STMicroelectronics 9202 Datasheet HTML 170Page - STMicroelectronics 9202 Datasheet HTML 171Page - STMicroelectronics 9202 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
168/175
Figure 89. External Clock Cycle
Figure 90. Recommended Oscillator Circuits
Note: C1, C2 = 30pF ± 10pF for crystals
For ceramic resonators, contact resonator manufacturer
Oscillation circuit is designed to be used either with a ceramic resonator or crystal oscillator. Since each crystal and ceramic resonator
have their own characteristics, the user should consult the crystal manufacturer for appropriate values of external components.
Figure 91. PSD MODULE AC Measurement I/O
Waveform
Figure 92. PSD MODULE AC Measurement
Load Circuit
Table 140. Capacitance
Note: 1. Sampled only, not 100% tested.
2. Typical values are for TA = 25°C and nominal supply voltages.
3.0V
0V
Test Point
1.5V
AI03103b
Device
Under Test
2.01 V
195
Ω
C
L = 30 pF
(Including Scope and
Jig Capacitance)
AI03104b
Symbol
Parameter
Test Condition(1)
Typ.(2)
Max.
Unit
CIN
Input Capacitance (for input pins)
VIN = 0V
46
pF
COUT
Output Capacitance (for input/
output pins)
VOUT = 0V
812
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com