Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 167 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 163Page - STMicroelectronics 9202 Datasheet HTML 164Page - STMicroelectronics 9202 Datasheet HTML 165Page - STMicroelectronics 9202 Datasheet HTML 166Page - STMicroelectronics 9202 Datasheet HTML 167Page - STMicroelectronics 9202 Datasheet HTML 168Page - STMicroelectronics 9202 Datasheet HTML 169Page - STMicroelectronics 9202 Datasheet HTML 170Page - STMicroelectronics 9202 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 175 page
background image
167/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Table 139. ISC Timing (3V Devices)
Note: 1. For non-PLD Programming, Erase or in ISC By-pass Mode.
2. For Program or Erase PLD only.
Figure 87. MCU Module AC Measurement I/O Waveform
Note: AC inputs during testing are driven at VCC–0.5V for a logic '1,' and 0.45V for a logic '0.'
Timing measurements are made at VIH(min) for a logic '1,' and VIL(max) for a logic '0'
Figure 88. PSD MODULE AC Float I/O Waveform
Note: For timing purposes, a Port pin is considered to be no longer floating when a 100mV change from load voltage occurs, and begins to
float when a 100mV change from the loaded VOH or VOL level occurs
IOL and IOH ≥ 20mA
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) Frequency (except for PLD)
(Note 1)
12
MHz
tISCCH
Clock (TCK, PC1) High Time (except for PLD)
(Note 1)
40
ns
tISCCL
Clock (TCK, PC1) Low Time (except for PLD)
(Note 1)
40
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
2
MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
ns
tISCPSU
ISC Port Set Up Time
12
ns
tISCPH
ISC Port Hold Up Time
5
ns
tISCPCO
ISC Port Clock to Output
30
ns
tISCPZV
ISC Port High-Impedance to Valid Output
30
ns
tISCPVZ
ISC Port Valid Output to High-Impedance
30
ns
AI06650
VCC – 0.5V
0.45V
Test Points
0.2 VCC – 0.1V
0.2 VCC + 0.9V
AI06651
Test Reference Points
VOL + 0.1V
VOH – 0.1V
VLOAD – 0.1V
VLOAD + 0.1V
0.2 VCC – 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com