Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 166 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 162Page - STMicroelectronics 9202 Datasheet HTML 163Page - STMicroelectronics 9202 Datasheet HTML 164Page - STMicroelectronics 9202 Datasheet HTML 165Page - STMicroelectronics 9202 Datasheet HTML 166Page - STMicroelectronics 9202 Datasheet HTML 167Page - STMicroelectronics 9202 Datasheet HTML 168Page - STMicroelectronics 9202 Datasheet HTML 169Page - STMicroelectronics 9202 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
166/175
Figure 86. ISC Timing
Table 138. ISC Timing (5V Devices)
Note: 1. For non-PLD Programming, Erase or in ISC By-pass Mode.
2. For Program or Erase PLD only.
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) Frequency (except for PLD)
(Note 1)
20
MHz
tISCCH
Clock (TCK, PC1) High Time (except for PLD)
(Note 1)
23
ns
tISCCL
Clock (TCK, PC1) Low Time (except for PLD)
(Note 1)
23
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
2
MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
ns
tISCPSU
ISC Port Set Up Time
7
ns
tISCPH
ISC Port Hold Up Time
5
ns
tISCPCO
ISC Port Clock to Output
21
ns
tISCPZV
ISC Port High-Impedance to Valid Output
21
ns
tISCPVZ
ISC Port Valid Output to High-Impedance
21
ns
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com