Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 163 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 159Page - STMicroelectronics 9202 Datasheet HTML 160Page - STMicroelectronics 9202 Datasheet HTML 161Page - STMicroelectronics 9202 Datasheet HTML 162Page - STMicroelectronics 9202 Datasheet HTML 163Page - STMicroelectronics 9202 Datasheet HTML 164Page - STMicroelectronics 9202 Datasheet HTML 165Page - STMicroelectronics 9202 Datasheet HTML 166Page - STMicroelectronics 9202 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 175 page
background image
163/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Figure 83. Peripheral I/O READ Timing
Table 130. Port A Peripheral Data Mode READ Timing (5V Devices)
Note: 1. Any input used to select Port A Data Peripheral Mode.
2. Data is already stable on Port A.
Table 131. Port A Peripheral Data Mode READ Timing (3V Devices)
Note: 1. Any input used to select Port A Data Peripheral Mode.
2. Data is already stable on Port A.
Symbol
Parameter
Conditions
Min
Max
Turbo
Off
Unit
tAVQV–PA
Address Valid to Data
Valid
(Note 1)
37
+ 10
ns
tSLQV–PA
CSI Valid to Data Valid
27
+ 10
ns
tRLQV–PA
RD to Data Valid
(Note 2)
32
ns
tDVQV–PA
Data In to Data Out Valid
22
ns
tRHQZ–PA
RD to Data High-Z
23
ns
Symbol
Parameter
Conditions
Min
Max
Turbo
Off
Unit
tAVQV–PA
Address Valid to Data Valid
(Note 1)
50
+ 20
ns
tSLQV–PA
CSI Valid to Data Valid
37
+ 20
ns
tRLQV–PA
RD to Data Valid
(Note 2)
45
ns
tDVQV–PA
Data In to Data Out Valid
38
ns
tRHQZ–PA
RD to Data High-Z
36
ns
tRLQV (PA)
tDVQV (PA)
tRHQZ (PA)
tSLQV (PA)
tAVQV (PA)
ADDRESS
DATA VALID
ALE
A /D BUS
RD
DATA ON PORT A
CSI
AI06610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com