Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 160 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 156Page - STMicroelectronics 9202 Datasheet HTML 157Page - STMicroelectronics 9202 Datasheet HTML 158Page - STMicroelectronics 9202 Datasheet HTML 159Page - STMicroelectronics 9202 Datasheet HTML 160Page - STMicroelectronics 9202 Datasheet HTML 161Page - STMicroelectronics 9202 Datasheet HTML 162Page - STMicroelectronics 9202 Datasheet HTML 163Page - STMicroelectronics 9202 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
160/175
Table 125. CPLD Macrocell Asynchronous Clock Mode Timing (3V Devices)
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
Rate
Unit
fMAXA
Maximum Frequency
External Feedback
1/(tSA+tCOA)
21.7
MHz
Maximum Frequency
Internal Feedback (fCNTA)
1/(tSA+tCOA–10)
27.8
MHz
Maximum Frequency
Pipelined Data
1/(tCHA+tCLA)
33.3
MHz
tSA
Input Setup Time
10
+ 4
+ 20
ns
tHA
Input Hold Time
12
ns
tCHA
Clock High Time
17
+ 20
ns
tCLA
Clock Low Time
13
+ 20
ns
tCOA
Clock to Output Delay
36
+ 20
– 6
ns
tARD
CPLD Array Delay
Any macrocell
25
+ 4
ns
tMINA
Minimum Clock Period
1/fCNTA
36
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com