Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 7 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 7 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
7
Table 7 • Maximum I/O Frequency for Single-Ended and Differential I/Os in All Banks in
ProASIC3E Devices (maximum drive strength and high slew selected)
Specification
Maximum Performance
ProASIC3E
IGLOOe V2 or V5
Devices, 1.5 V DC Core
Supply Voltage
IGLOOe V2, 1.2 V DC
Core Supply Voltage
LVTTL/LVCMOS 3.3 V
200 MHz
180 MHz
TBD
LVCMOS 2.5 V
250 MHz
230 MHz
TBD
LVCMOS 1.8 V
200 MHz
180 MHz
TBD
LVCMOS 1.5 V
130 MHz
120 MHz
TBD
PCI
200 MHz
180 MHz
TBD
PCI-X
200 MHz
180 MHz
TBD
HSTL-I
300 MHz
275 MHz
TBD
HSTL-II
300 MHz
275 MHz
TBD
SSTL2-I
300 MHz
275 MHz
TBD
SSTL2-II
300 MHz
275 MHz
TBD
SSTL3-I
300 MHz
275 MHz
TBD
SSTL3-II
300 MHz
275 MHz
TBD
GTL+ 3.3 V
300 MHz
275 MHz
TBD
GTL+ 2.5 V
300 MHz
275 MHz
TBD
GTL 3.3 V
300 MHz
275 MHz
TBD
GTL 2.5 V
300 MHz
275 MHz
TBD
LVDS
350 MHz
300 MHz
TBD
M-LVDS
200 MHz
180 MHz
TBD
B LVDS
200 MHz
180 MHz
TBD
LVPECL
350 MHz
300 MHz
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com