Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 23 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 23 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 19Page - Actel Corporation PROASIC3E Datasheet HTML 20Page - Actel Corporation PROASIC3E Datasheet HTML 21Page - Actel Corporation PROASIC3E Datasheet HTML 22Page - Actel Corporation PROASIC3E Datasheet HTML 23Page - Actel Corporation PROASIC3E Datasheet HTML 24Page - Actel Corporation PROASIC3E Datasheet HTML 25Page - Actel Corporation PROASIC3E Datasheet HTML 26Page - Actel Corporation PROASIC3E Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
23
Solution 4
The board-level design must ensure that the reflected waveform at the pad does not exceed the
voltage overshoot/undershoot limits provided in the datasheet. This is a requirement to ensure
long-term reliability.
Figure 13 • Solution 4
Solution 4
2.5 V
5.5 V
2.5 V
Requires one board resistor.
Available for LVCMOS 2.5 V / 5.0 V.
I/O Input
Rext
On-Chip
Clamp
Diode
Table 14 • Comparison Table for 5 V–Compliant Receiver Solutions
Solution
Board Components
Speed
Current Limitations
1
Two resistors
Low to High1 Limited by transmitter's drive strength
2
Resistor and Zener 3.3 V
Medium
Limited by transmitter's drive strength
3
Bus switch
High
N/A
4
Minimum resistor value2,3,4,5
R = 47
Ω at TJ = 70°C
R = 150
Ω at TJ = 85°C
R = 420
Ω at TJ = 100°C
Medium
Maximum diode current at 100% duty cycle, signal
constantly at 1
52.7 mA at TJ = 70°C / 10-year lifetime
16.5 mA at TJ = 85°C / 10-year lifetime
5.9 mA at TJ = 100°C / 10-year lifetime
For duty cycles other than 100%, the currents can be
increased by a factor of 1 / (duty cycle).
Example: 20% duty cycle at 70°C
Maximum current = (1 / 0.2) × 52.7 mA = 5 × 52.7 mA =
263.5 mA
Notes:
1. Speed and current consumption increase as the board resistance values decrease.
2. Resistor values ensure I/O diode long-term reliability.
3. At 70°C, customers could still use 420
Ω on every I/O.
4. At 85°C, a 5 V solution on every other I/O is permitted, since the resistance is lower (150
Ω ) and the current
is higher. Also, the designer can still use 420
Ω and use the solution on every I/O.
5. At 100°C, the 5 V solution on every I/O is permitted, since 420
Ω are used to limit the current to 5.9 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com